Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM92 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM92
Description  짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM92 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM92 Datasheet HTML 2Page - National Semiconductor (TI) LM92 Datasheet HTML 3Page - National Semiconductor (TI) LM92 Datasheet HTML 4Page - National Semiconductor (TI) LM92 Datasheet HTML 5Page - National Semiconductor (TI) LM92 Datasheet HTML 6Page - National Semiconductor (TI) LM92 Datasheet HTML 7Page - National Semiconductor (TI) LM92 Datasheet HTML 8Page - National Semiconductor (TI) LM92 Datasheet HTML 9Page - National Semiconductor (TI) LM92 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Note 9: The limits found in the following table supersede the limits shown in the Electrical Characteristics Table. The Accuracy specification includes errors due to
linearity, offset and gain. The accuracy specification includes effects of self heating with negligible digital output loading. Pull-up resistors should be maximized (10k
typical recommended), so that self heating due to digital output loading is negligible.
Temperature Accuracy Parameter Limits
Units
Conditions
+V
S=2.7V
+V
S=3.3V
+V
S=4V
+V
S=5V
+V
S=5.5V
T
A = −25˚C
−1.35/+1.50
−1.25/+1.50
−1.25/+1.50
−1.05/+1.70
−1.05/+1.80
˚C (max)
T
A = −10˚C
±1.00
−0.90/+1.00
−0.90/+1.00
−0.70/+1.20
−0.70/+1.30
˚C (max)
T
A = 0˚C
−0.80/+0.75
−0.70/+0.75
−0.70/+0.75
−0.50/+0.95
−0.50/+1.05
˚C (max)
T
A = 10˚C
−0.60/+0.50
±0.50
±0.50
−0.30/+0.70
−0.30/+0.80
˚C (max)
T
A = 30˚C
−0.43/+0.33
±0.33
±0.33
−0.13/+0.53
−0.13/+0.63
˚C (max)
T
A = 50˚C
−0.60/+0.50
±0.50
±0.50
−0.30/+0.70
−0.30/+0.80
˚C (max)
T
A = 85˚C
−1.10/+0.85
−1.00/+0.85
−1.00/+0.85
−0.80/+1.05
−0.80/+1.15
˚C (max)
T
A = 125˚C
−1.60/+1.25
−1.50/+1.25
±1.25
−1.05/+1.45
−1.05/+1.55
˚C (max)
T
A = 150˚C
±1.90
−1.75/+1.50
±1.50
−1.30/+1.70
−1.30/+1.80
˚C (max)
Limits at intermediate temperatures can be calculated using a straight line interpolation as shown in the following graphs:
Accuracy vs Temperature with +V
s =5V
10105120
Accuracy vs Temperature with +V
s = 3.3V
10105121
Note 10: 12 bits + sign, two’s complement
Note 11: Linearity Error is defined as the worse case difference of an actual reading to that of a calculated reading derived from the straight line whose endpoints
are measured at 30˚C and 125˚C for the range of 30˚C to 125˚C or whose endpoints are measured at 30˚C and −25˚C for the range of 30˚C to −25˚.
Note 12: Offset Error calibration should be done at 30˚C. The residual error of the transfer function is then equivalent to the Accuracy Limit minus the Offset Limit.
This does not take into account the power supply sensitivity of the offset error. Nor, does it take into account the error introduced by the calibration system used.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com