Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM92 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM92
Description  짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM92 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM92 Datasheet HTML 5Page - National Semiconductor (TI) LM92 Datasheet HTML 6Page - National Semiconductor (TI) LM92 Datasheet HTML 7Page - National Semiconductor (TI) LM92 Datasheet HTML 8Page - National Semiconductor (TI) LM92 Datasheet HTML 9Page - National Semiconductor (TI) LM92 Datasheet HTML 10Page - National Semiconductor (TI) LM92 Datasheet HTML 11Page - National Semiconductor (TI) LM92 Datasheet HTML 12Page - National Semiconductor (TI) LM92 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
1.0 Functional Description (Continued)
Therefore, the complete slave address is:
1
0010
A1
A0
MSB
LSB
1.4 TEMPERATURE DATA FORMAT
Temperature data can be read from the Temperature and Set
Point registers; and written to the Set Point registers. Tem-
perature data can be read at any time, although reading
faster than the conversion time of the LM92 will prevent data
from being updated. Temperature data is represented by a
13-bit, two’s complement word with an LSB (Least Signifi-
cant Bit) equal to 0.0625 ˚C:
Temperature
Digital Output
Binary
Hex
+130˚C
0 1000 0 010 0000
08 20h
+125 ˚C
0 0111 1101 0000
07 D0h
+80 ˚C
0 0101 0000 0000
05 00h
+64 ˚C
0 0100 0000 0000
04 00h
+25 ˚C
0 0001 1001 0000
01 90h
+10 ˚C
0 0000 1010 0000
00 A0h
+2 ˚C
0 0000 0010 0000
00 20h
+0.0625 ˚C
0 0000 0000 0001
00 01h
0 ˚C
00 0000 0000
00 00h
Temperature
Digital Output
Binary
Hex
−0.0625 ˚C
1 1111 1111 1111
1F FFh
−25 ˚C
1 1110 0111 0000
1E 70h
−55 ˚C
1 1100 1001 0000
1C 90h
1.5 SHUTDOWN MODE
Shutdown mode is enabled by setting the shutdown bit in the
Configuration register via the Serial Bus. Shutdown mode
reduces power supply current to 5 µA typical. T_CRIT_A is
reset if previously set. Since conversions are stoped during
shutdown, T_CRIT_A and INT will not be operational. The
Serial Bus interface remains active. Activity on the clock and
data lines of the Serial Bus may slightly increase shutdown
mode quiescent current. Registers can be read from and
written to in shutdown mode. The LM92 takes miliseconds to
respond to the shutdown command.
1.6 INT AND T_CRIT_A OUTPUT
The INT and T_CRIT_A outputs are open-drain outputs and
do not have internal pull-ups. A "high" level will not be
10105106
Note: Event Interrupt mode is drawn as if the user is reading the part. If the user doesn’t read, the outputs would go low and stay that way until the LM92 is read.
Comparator Interrupt Mode is drawn as if the user never reads the part. If the user does read, the outputs will go high once read instruction is executed and, if the
fault condition still exists, go low at the end of the next conversion.
FIGURE 3. Temperature Response Diagram
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com