Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM74 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM74
Description  SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM74 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM74 Datasheet HTML 1Page - National Semiconductor (TI) LM74 Datasheet HTML 2Page - National Semiconductor (TI) LM74 Datasheet HTML 3Page - National Semiconductor (TI) LM74 Datasheet HTML 4Page - National Semiconductor (TI) LM74 Datasheet HTML 5Page - National Semiconductor (TI) LM74 Datasheet HTML 6Page - National Semiconductor (TI) LM74 Datasheet HTML 7Page - National Semiconductor (TI) LM74 Datasheet HTML 8Page - National Semiconductor (TI) LM74 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Connection Diagrams
SO-8
5-Bump micro SMD
10090902
TOP VIEW
NS Package Number M08A
10090924
Note:
-
Pin numbers are referenced to the package marking text orientation. Pin
1 is designated by the square.
-
Reference JEDEC Registration MO-211, variation BC
- The top 4 characters designate the date code. The bottom 3 characters
designate the device type (see ordering information).
TOP VIEW
NS Package Number BPD05MPB and TPD05QSA
Ordering Information
Order Number
Package
Marking
NS Package
Number
Supply Voltage
Transport Media
LM74CIM-3
LM74CIM-3
SO-8, M08A
3.0V to 3.6V
95 Units in Rail
LM74CIMX-3
LM74CIM-3
SO-8, M08A
3.0V to 3.6V
2500 Units in Tape and Reel
LM74CIM-5
LM74CIM-5
SO-8, M08A
4.5V to 5.5V
95 Units in Rail
LM74CIMX-5
LM74CIM-5
SO-8, M08A
4.5V to 5.5V
2500 Units in Tape and Reel
LM74CIBP-3
T8
micro SMD, Thick
Package,
BPD05MPB
2.65V to 3.6V
250 Units in Tape and Reel
LM74CIBPX-3
T8
micro SMD, Thick
Package,
BPD05MPB
2.65V to 3.6V
3000 Units in Tape and Reel
LM74CIBP-5
T9
micro SMD, Thick
Package,
BPD05MPB
4.5V to 5.5V
250 Units in Tape and Reel
LM74CIBPX-5
T9
micro SMD, Thick
Package,
BPD05MPB
4.5V to 5.5V
3000 Units in Tape and Reel
LM74CITP-3
T10
micro SMD, Thin
Package,
TPD05QSA
2.65V to 3.6V
250 Units in Tape and Reel
LM74CITPX-3
T10
micro SMD, Thin
Package,
TPD05QSA
2.65V to 3.6V
3000 Units in Tape and Reel
LM74CITP-5
T11
micro SMD, Thin
Package,
TPD05QSA
4.5V to 5.5V
250 Units in Tape and Reel
LM74CITPX-5
T11
micro SMD, Thin
Package,
TPD05QSA
4.5V to 5.5V
3000 Units in Tape and Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com