Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM74 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM74
Description  SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM74 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM74 Datasheet HTML 7Page - National Semiconductor (TI) LM74 Datasheet HTML 8Page - National Semiconductor (TI) LM74 Datasheet HTML 9Page - National Semiconductor (TI) LM74 Datasheet HTML 10Page - National Semiconductor (TI) LM74 Datasheet HTML 11Page - National Semiconductor (TI) LM74 Datasheet HTML 12Page - National Semiconductor (TI) LM74 Datasheet HTML 13Page - National Semiconductor (TI) LM74 Datasheet HTML 14Page - National Semiconductor (TI) LM74 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
3.0 Application Hints
To get the expected results when measuring temperature
with an integrated circuit temperature sensor like the LM74,
it is important to understand that the sensor measures its
own die temperature. For the LM74, the best thermal path
between the die and the outside world is through the LM74’s
pins. In the SO-8 package all the pins on the LM74 will have
an equal effect on the die temperature. Because the pins
represent a good thermal path to the LM74 die, the LM74 will
provide an accurate measurement of the temperature of the
printed circuit board on which it is mounted. There is a less
efficient thermal path between the plastic package and the
LM74 die. If the ambient air temperature is significantly
different from the printed circuit board temperature, it will
have a small effect on the measured temperature.
In probe-type applications, the LM74 can be mounted inside
a sealed-end metal tube, and can then be dipped into a bath
or screwed into a threaded hole in a tank. As with any IC, the
LM74 and accompanying wiring and circuits must be kept
insulated and dry, to avoid leakage and corrosion. This is
especially true if the circuit may operate at cold temperatures
where condensation can occur. Printed-circuit coatings and
varnishes such as Humiseal and epoxy paints or dips are
often used to insure that moisture cannot corrode the LM74
or its connections.
3.1 micro SMD LIGHT SENSITIVITY
The LM74 in the micro SMD package should not be exposed
to ultraviolet light. The micro SMD package does not com-
pletely encapsulate the LM74 die in epoxy. Exposing the
LM74 micro SMD package to bright sunlight will not imme-
diatly cause a change in the output reading. Our experi-
ments show that directly exposing the circuit side (bump
side) of the die to high intensity (
≥ 1mW/cm2) ultraviolet light,
centered at a wavelength of 254nm, for greater than 20
minutes will deprogram the EEPROM cells in the LM74.
Since the EEPROM is used for storing calibration coeffi-
cients, the LM74 will function but the temperature accuracy
will no longer be as specified. Light can penetrate through
the side of the package as well, so exposure to ultra violet
radiation is not recommended even after mounting.
4.0 Typical Applications
10090920
FIGURE 8. Temperature monitor using Intel 196 processor
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com