Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM74 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM74
Description  SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM74 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM74 Datasheet HTML 1Page - National Semiconductor (TI) LM74 Datasheet HTML 2Page - National Semiconductor (TI) LM74 Datasheet HTML 3Page - National Semiconductor (TI) LM74 Datasheet HTML 4Page - National Semiconductor (TI) LM74 Datasheet HTML 5Page - National Semiconductor (TI) LM74 Datasheet HTML 6Page - National Semiconductor (TI) LM74 Datasheet HTML 7Page - National Semiconductor (TI) LM74 Datasheet HTML 8Page - National Semiconductor (TI) LM74 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
−0.3V to 6.0V
Voltage at any Pin
−0.3V to V
+ + 0.3V
Input Current at any Pin (Note 2)
5 mA
Package Input Current (Note 2)
20 mA
Storage Temperature
−65˚C to +150˚C
ESD Susceptibility (Note 4)
Human Body Model
LM74CIBP and LM74CITP, pin
A2 (SC)
1900V
LM74CIM,LM74CIBP, and
LM74CITP all other pins
2000V
Machine Model
200V
Soldering process must comply with National’s Reflow
Temperature Profile specifications. Refer to
www.national.com/packaging. (Note 3)
Operating Ratings
Specified Temperature Range
T
MIN to TMAX
(Note 5)
LM74CIBP and LM74CITP
LM74CIM
−40˚C to +125˚C
−55˚C to +150˚C
Supply Voltage Range (+V
S)
LM74CIBP and LM74CITP
+2.65V to +5.5V
LM74CIM
+3.0V to +5.5V
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for V
+ = 2.65V to 3.6V for the LM74CIBP -3, LM74CITP-3, V+ = 3.0V to
3.6V for the LM74CIM -3 and V
+ = 4.5V to 5.5V for the LM74 -5 (Note 6). Boldface limits apply for T
A =TJ =TMIN to TMAX;
all other limits T
A =TJ=+25˚C, unless otherwise noted.
Parameter
Conditions
Typical
(Note 7)
LM74-5
Limits
(Note 8)
LM74-3
Limits
(Note 8)
Units
(Limit)
Temperature Error (Note 6)
T
A = −10˚C to +65˚C
±1.25
±1.25
˚C (max)
T
A = −25˚C to +110˚C
±2.1
+2.65/−2.15
˚C (max)
T
A = −40˚C to +85˚C
+2.65/−1.65
±2.15
˚C (max)
T
A = −40˚C to +110˚C
+2.65/
−2.0
+2.65/−2.15
˚C (max)
T
A = −55˚C to +125˚C
±3.0
±3.5
˚C (max)
T
A = −55˚C to +150˚C
±5.0
±5.0
˚C (max)
Resolution
13
Bits
Temperature
Conversion Time
SO-8
(Note 9)
280
425
425
ms (max)
micro SMD
(Note 9)
611
925
925
ms (max)
Quiescent Current
SO-8
Serial Bus Inactive
310
520
520
µA (max)
micro SMD
265
470
470
µA (max)
SO-8
Serial Bus Active
310
µA
micro SMD
310
µA
SO-8
Shutdown Mode,
V
+ = 3.3V
7µA
micro SMD
3
µA
SO-8
Shutdown Mode,
V
+ =5V
8µA
micro SMD
4
µA
Logic Electrical Characteristics
DIGITAL DC CHARACTERISTICS Unless otherwise noted, these specifications apply for V
+ = 2.65V to 3.6V for the
LM74CIBP -3, LM74CITP-3, V
+ = 3.0V to 3.6V for the LM74CIM -3 and V+ = 4.5V to 5.5V for the LM74 -5 (Note 6). Boldface
limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ=+25˚C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limit)
V
IN(1)
Logical “1” Input Voltage
V
+ x 0.7
V (min)
V
+ + 0.3
V (max)
V
IN(0)
Logical “0” Input Voltage
−0.3
V (min)
V
+ x 0.3
V (max)
Input Hysteresis Voltage
V
+ = 3.0V to 3.6V
0.8
0.35
V (min)
V
+ = 4.5V to 5.5V
0.8
0.33
V (min)
I
IN(1)
Logical “1” Input Current
V
IN =V
+
0.005
3.0
µA (max)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com