Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8368 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8368
Description  800 MHz, Linear-in-dB VGA with AGC Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8368 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8368 Datasheet HTML 3Page - Analog Devices AD8368 Datasheet HTML 4Page - Analog Devices AD8368 Datasheet HTML 5Page - Analog Devices AD8368 Datasheet HTML 6Page - Analog Devices AD8368 Datasheet HTML 7Page - Analog Devices AD8368 Datasheet HTML 8Page - Analog Devices AD8368 Datasheet HTML 9Page - Analog Devices AD8368 Datasheet HTML 10Page - Analog Devices AD8368 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8368
Rev. A | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, T = 25°C, system impedance Z0 = 50 Ω, MODE = 5 V, unless otherwise noted.
25
–20
–15
–10
–5
0
5
10
15
20
10
100
1000
FREQUENCY (MHz)
0V
0.25V
0.5V
0.75V
1V
Figure 3. S21 vs. Frequency by VGAIN
25
–15
–10
–5
0
5
10
15
20
4
–4
–3
–2
–1
0
1
2
3
0
0.2
0.4
0.6
0.8
1.0
VGAIN (V)
70MHz
+85°C
–40°C
+25°C
Figure 4. Gain and Conformance Error vs. VGAIN (f = 70 MHz)
25
–15
–10
–5
0
5
10
15
20
4
–4
–3
–2
–1
0
1
2
3
0
0.2
0.4
0.6
0.8
1.0
VGAIN (V)
140MHz
+85°C
–40°C
+25°C
Figure 5. Gain and Conformance Error vs. VGAIN (f = 140 MHz)
25
–15
–10
–5
0
5
10
15
20
4
–4
–3
–2
–1
0
1
2
3
0
0.2
0.4
0.6
0.8
1.0
VGAIN (V)
240MHz
+85°C
–40°C
+25°C
Figure 6. Gain and Conformance Error vs. VGAIN (f = 240 MHz)
25
–15
–10
–5
0
5
10
15
20
4
–4
–3
–2
–1
0
1
2
3
0
0.2
0.4
0.6
0.8
1.0
VGAIN (V)
380MHz
+85°C
–40°C
+25°C
Figure 7. Gain and Conformance Error vs. VGAIN (f = 380 MHz)
0.7
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
–0.5 –0.4 –0.3 –0.2 –0.1
0
0.1
0.2
0.3
0.4
0.5
TIME (µs)
VGAIN
VOUTP
Figure 8. Gain Step Time Domain Response (6 dB Gain Step)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com