Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8368 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8368
Description  800 MHz, Linear-in-dB VGA with AGC Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8368 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8368 Datasheet HTML 8Page - Analog Devices AD8368 Datasheet HTML 9Page - Analog Devices AD8368 Datasheet HTML 10Page - Analog Devices AD8368 Datasheet HTML 11Page - Analog Devices AD8368 Datasheet HTML 12Page - Analog Devices AD8368 Datasheet HTML 13Page - Analog Devices AD8368 Datasheet HTML 14Page - Analog Devices AD8368 Datasheet HTML 15Page - Analog Devices AD8368 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8368
Rev. A | Page 12 of 20
CIRCUIT DESCRIPTION
The AD8368 is a single-ended VGA with a bandwidth of 800 MHz
and a gain control span of 34 dB ranging from −12 dB to +22 dB.
It incorporates an uncommitted square law detector that can be
used to form a tight AGC loop around the VGA. Using the
Analog Devices patented X-AMP architecture, the AD8368
achieves accurate linear-in-dB gain control with excellent linearity
(OIP3) and noise figure (NF). The part also features 50 Ω input
and output impedances for ease of use.
The main signal path, shown in Figure 30, consists of a variable
input attenuator followed by a fixed-gain amplifier and output
buffer. This architecture allows for a constant OIP3 and output
noise floor as a function of gain setting. As a result, NF and IIP3
increase 1 dB for every 1 dB decrease in gain, resulting in a part
with constant dynamic range over gain setting.
ATTENUATOR LADDER
DECL
50Ω
0dB –2dB –4dB
–36dB
VOUT
INPT
GAIN
MODE
GAIN INTERPOLATOR
gm STAGES
FIXED-GAIN
AMPLIFIER
OUTPUT
BUFFER
Figure 30. Simplified Block Diagram
INPUT ATTENUATOR AND INTERPOLATOR
The input attenuator is built from an 18-section resistor ladder
providing 2 dB of attenuation at each successive tap point. The
resistor ladder acts as a linear input attenuator, in addition to
providing an accurate 50 Ω input impedance. The variable
transconductance (gm) stages are used to select the attenuated
signal from the appropriate tap point along the ladder and feed
this signal to the fixed-gain amplifier. To realize a continuous
gain control function from discrete tap points, the gain
interpolator creates a weighted sum of signals appearing on
adjacent tap points by carefully controlling the variable gm stages.
FIXED-GAIN STAGE AND OUTPUT BUFFER
The weighted sum of the different tap points is fed into the
fixed-gain stage that drives the output buffer. Because the
resistive input attenuator is linear and contributes minimal
noise as a passive termination, the dynamic range as a function
of gain is determined primarily by the noise and the distortion
of the fixed-gain amplifier. This architecture explains the
constant OIP3 and constant output noise floor with gain setting
and the corresponding dB-for-dB increase in IIP3 and NF with
decreasing gain. The output buffer has 6 dB of gain and
provides a broadband 50 Ω single-ended output impedance.
OUTPUT OFFSET CORRECTION
The dc level at the input, INPT, is driven by an internal
reference to VS/2. The reference is made available at the DECL
pin for external decoupling with CDECL. The dc level at the output,
OUTP, is regulated to the same midsupply reference by an offset
correction loop independent of gain setting, temperature, and
process. The low-pass response of this loop creates a high-pass
corner frequency in the signal path transfer function, which can
be set by choosing CDECL and CHPFL.
VOUT
gm
FIXED-GAIN
AMPLIFIER
FROM
INTERPOLATOR
gm STAGES
OUTPUT
BUFFER
×1
VMID
DECL
CDECL
HPFL
CHPFL
Figure 31. Output Centering Control Loop
The input and output coupling capacitors should be selected to
provide low impedances at the frequencies of interest relative to
50 Ω so as not to affect the high-pass corner. In this case, the
high-pass corner frequency can be set by either CHPFL or CDECL,
which form independent poles in the feedback path of the offset
correction loop. The high-pass corner is determined by the
highest of these poles, which are given by:
)
005
.
0
(
8
.
0
)
kHz
(
,
HPFL
HPFL
HP
C
f
+
=
)
005
.
0
(
5700
)
kHz
(
,
DECL
DECL
HP
C
f
+
=
where CHPFL and CDECL are in nF.
When using this method to set the high-pass frequency, the
other capacitor should be sized such that its pole is at least 30×
lower in frequency. In addition, note that CDECL represents the
total decoupling capacitance at the DECL pins.
INPUT AND OUTPUT IMPEDANCES
The AD8368 offers single-ended broadband 50 Ω input and
output impedances. The excellent match to 50 Ω is maintained
from part to part, over frequency, and over gain setting. Both
the input and output pins must be externally ac-coupled to
prevent disruption of the internal dc levels. Sufficiently large
coupling capacitors should be used so that their impedance is
negligible relative to the 50 Ω presented by the ladder at the
input and by the output buffer at the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com