Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8368 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8368
Description  800 MHz, Linear-in-dB VGA with AGC Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8368 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8368 Datasheet HTML 12Page - Analog Devices AD8368 Datasheet HTML 13Page - Analog Devices AD8368 Datasheet HTML 14Page - Analog Devices AD8368 Datasheet HTML 15Page - Analog Devices AD8368 Datasheet HTML 16Page - Analog Devices AD8368 Datasheet HTML 17Page - Analog Devices AD8368 Datasheet HTML 18Page - Analog Devices AD8368 Datasheet HTML 19Page - Analog Devices AD8368 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8368
Rev. A | Page 16 of 20
The choice of CDETO is a compromise of averaging time constant,
response time, and carrier leakage. If CDETO is selected to be too
small to speed up the response time, the AGC loop could start
tracking and leveling any amplitude envelope and corrupt the
constellation. Figure 38 illustrates a 16 QAM, 100 ksymbols per
second constellation with a degraded error vector magnitude
(EVM) of 5%. By increasing CDETO to 0.01 μF, the EVM is
improved to 1.1%.
Figure 39 illustrates the measured EVM performance for a
16 QAM modulation at 10 Msymbols per second using
CDETO = 1 nF.
10
0
1
2
3
4
5
6
7
8
9
–40
–30
–20
–10
0
10
20
POWER IN (dBm)
REF –4.9dBm
CF 100MHz
SR 10kHz
CONST DIAG
MEAS SIGNAL
16 QAM
1U
–1U
–1.31289U
262.578mU/
1.31289U
Figure 39. Error Vector Magnitude Performance for 16 QAM
10 Msymbols per second
Figure 38. Degraded Error Vector Magnitude Performance for 16 QAM at
100 ksymbols per second (CDETO Too Small)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com