Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8567ACP-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8567ACP-R2
Description  16 V Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8567ACP-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8567ACP-R2 Datasheet HTML 1Page - Analog Devices AD8567ACP-R2 Datasheet HTML 2Page - Analog Devices AD8567ACP-R2 Datasheet HTML 3Page - Analog Devices AD8567ACP-R2 Datasheet HTML 4Page - Analog Devices AD8567ACP-R2 Datasheet HTML 5Page - Analog Devices AD8567ACP-R2 Datasheet HTML 6Page - Analog Devices AD8567ACP-R2 Datasheet HTML 7Page - Analog Devices AD8567ACP-R2 Datasheet HTML 8Page - Analog Devices AD8567ACP-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8565/AD8566/AD8567
Rev. D | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Ratings
Supply Voltage (VS)
18 V
Input Voltage
−0.5 V to VS + 0.5 V
Differential Input Voltage
VS
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 3.
Package Type
θJA1
θJC
Unit
5-Lead SC70 (KS-5)
376
126
°C/W
8-Lead MSOP (RM-8)
210
45
°C/W
14-Lead TSSOP (RU-14)
180
35
°C/W
16-Lead LFCSP (CP-16-4)
382
302
°C/W
1 θJA is specified for worst-case conditions, that is, θJA is specified for a device
soldered onto a circuit board for surface-mount packages.
2 DAP is soldered down to PCB.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com