Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8567ACP-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8567ACP-R2
Description  16 V Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8567ACP-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8567ACP-R2 Datasheet HTML 4Page - Analog Devices AD8567ACP-R2 Datasheet HTML 5Page - Analog Devices AD8567ACP-R2 Datasheet HTML 6Page - Analog Devices AD8567ACP-R2 Datasheet HTML 7Page - Analog Devices AD8567ACP-R2 Datasheet HTML 8Page - Analog Devices AD8567ACP-R2 Datasheet HTML 9Page - Analog Devices AD8567ACP-R2 Datasheet HTML 10Page - Analog Devices AD8567ACP-R2 Datasheet HTML 11Page - Analog Devices AD8567ACP-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8565/AD8566/AD8567
Rev. D | Page 8 of 16
COMMON-MODE VOLTAGE (V)
7
0
6
4
3
2
1
5
0
2
4
6
8
1012
1416
VS = 16V
AV = +1
RL = x
TA = 25°C
–5
–1
–2
–3
–4
5
1
0
3
2
4
TEMPERATURE (°C)
VS = 4.5V
VS = 16V
–40
25
85
Figure 26. Frequency vs. Common-Mode Voltage (VS = 16 V)
Figure 23. Input Offset Current vs. Temperature
6
5
0
4
3
2
1
01
2
3
4
COMMON-MODE VOLTAGE (V)
–350
–150
–200
–250
–300
0
–50
–100
TEMPERATURE (°C)
VS = 4.5V
VS = 16V
–40
25
85
VCM = VS/2
5
VS = 5V
AV = +1
RL = 10kΩ
TA = 25°C
Figure 27. Frequency vs. Common-Mode Voltage (VS = 5 V)
Figure 24. Input Bias Current vs. Temperature
–20
–40
–180
–60
–80
–160
–100
–120
–140
FREQUENCY (Hz)
50
100
1k
10k
60k
16V
4.5V
Figure 25. Channel A vs. Channel B Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com