Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8567ACP-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8567ACP-R2
Description  16 V Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8567ACP-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8567ACP-R2 Datasheet HTML 1Page - Analog Devices AD8567ACP-R2 Datasheet HTML 2Page - Analog Devices AD8567ACP-R2 Datasheet HTML 3Page - Analog Devices AD8567ACP-R2 Datasheet HTML 4Page - Analog Devices AD8567ACP-R2 Datasheet HTML 5Page - Analog Devices AD8567ACP-R2 Datasheet HTML 6Page - Analog Devices AD8567ACP-R2 Datasheet HTML 7Page - Analog Devices AD8567ACP-R2 Datasheet HTML 8Page - Analog Devices AD8567ACP-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
16 V Rail-to-Rail
Operational Amplifiers
AD8565/AD8566/AD8567
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Single-supply operation: 4.5 V to 16 V
Input capability beyond the rails
Rail-to-rail output swing
Continuous output current: 35 mA
Peak output current: 250 mA
Offset voltage: 10 mV
Slew rate: 6 V/μs
Unity gain stable with large capacitive loads
Supply current: 700 μA per amplifier
APPLICATIONS
LCD reference drivers
Portable electronics
Communications equipment
GENERAL DESCRIPTION
The AD8565, AD8566, and AD8567 are low cost, single-supply,
rail-to-rail input and output operational amplifiers optimized
for LCD monitor applications. They are built on an advanced
high voltage CBCMOS process. The AD8565 contains a single
amplifier, the AD8566 has two amplifiers, and the AD8567 has
four amplifiers.
These LCD op amps have high slew rates, 35 mA continuous
output drive, 250 mA peak output drive, and a high capacitive
load drive capability. They have a wide supply range and offset
voltages below 10 mV. The AD8565, AD8566, and AD8567 are
ideal for LCD grayscale reference buffer and VCOM applications.
The AD8565, AD8566, and AD8567 are specified over the
−40°C to +85°C temperature range. The AD8565 single is
available in a 5-lead SC70 package. The AD8566 dual is
available in an 8-lead MSOP package. The AD8567 quad is
available in a 14-lead TSSOP package and a 16-lead LFCSP
package.
PIN CONFIGURATIONS
1
2
3
5
4 –IN
+IN
V–
OUT
V+
AD8565
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead SC70 Pin Configuration
45
2
7
36
1
8
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
AD8566
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead MSOP Pin Configuration
OUT B
+IN B
–IN B
V+
–IN A
+IN A
OUT A
8
7
510
9
6
4
11
3
1
2
3
12
1
14
OUT C
+IN C
–IN C
V–
–IN D
+IN D
OUT D
AD8567
TOP VIEW
(Not to Scale)
Figure 3. 14-Lead TSSOP Pin Configuration
16
5
13
8
9
12
1
4
14
15
2
3
7
6
11
10
–IN D
+IN D
V–
+IN C
–IN A
+IN A
V+
+IN B
AD8567
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 4. 16-Lead LFCSP Pin Configuration


Similar Part No. - AD8567ACP-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8567ACP AD-AD8567ACP Datasheet
152Kb / 12P
16 V Rail-to-Rail Operational Amplifiers
AD8567ACPZ-R2 AD-AD8567ACPZ-R2 Datasheet
334Kb / 13P
16 V Rail-to-Rail Operational Amplifiers
10/2017-Rev. G to Rev. H
AD8567ACPZ-REEL AD-AD8567ACPZ-REEL Datasheet
334Kb / 13P
16 V Rail-to-Rail Operational Amplifiers
10/2017-Rev. G to Rev. H
AD8567ACPZ-REEL7 AD-AD8567ACPZ-REEL7 Datasheet
334Kb / 13P
16 V Rail-to-Rail Operational Amplifiers
10/2017-Rev. G to Rev. H
More results

Similar Description - AD8567ACP-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8565 AD-AD8565 Datasheet
152Kb / 12P
16 V Rail-to-Rail Operational Amplifiers
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
AD8639WARZ AD-AD8639WARZ Datasheet
629Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8567 AD-AD8567_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
logo
STMicroelectronics
TSX920 STMICROELECTRONICS-TSX920 Datasheet
2Mb / 32P
10 MHz rail-to-rail CMOS 16 V operational amplifiers
14-Jan-2016
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
16 MHz rail-to-rail CMOS 16 V operational amplifiers
28-Apr-2014
logo
Analog Devices
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
16 V Rail-to-Rail Operational Amplifiers
10/2017-Rev. G to Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com