Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA18WY Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDA18WY
Description  Automotive dual-line unidirectional ESD protection in SOT323
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA18WY Datasheet(HTML) 5 Page - STMicroelectronics

  ESDA18WY Datasheet HTML 1Page - STMicroelectronics ESDA18WY Datasheet HTML 2Page - STMicroelectronics ESDA18WY Datasheet HTML 3Page - STMicroelectronics ESDA18WY Datasheet HTML 4Page - STMicroelectronics ESDA18WY Datasheet HTML 5Page - STMicroelectronics ESDA18WY Datasheet HTML 6Page - STMicroelectronics ESDA18WY Datasheet HTML 7Page - STMicroelectronics ESDA18WY Datasheet HTML 8Page - STMicroelectronics ESDA18WY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Figure 8. Reponse to ISO 10605 - C = 150 pF, R = 330 Ω
(+8 kV contact)
Figure 9. Reponse to ISO 10605 - C = 150 pF, R = 330 Ω
(-8 kV contact)
Figure 10. Response to ISO 7637-3 Pulse 3a: -150 V
Figure 11. Response to ISO 7637-3 Pulse 3b: +150 V
Figure 12. Response to ISO 7637-3 Pulse 2a: -85 V
Figure 13. Response to ISO 7637-3 Pulse 2a: +85 V
ESDAxxWY
Characteristics
DS14779 - Rev 1
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com