Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA18WY Datasheet(PDF) 7 Page - STMicroelectronics

Part # ESDA18WY
Description  Automotive dual-line unidirectional ESD protection in SOT323
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA18WY Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ESDA18WY Datasheet HTML 3Page - STMicroelectronics ESDA18WY Datasheet HTML 4Page - STMicroelectronics ESDA18WY Datasheet HTML 5Page - STMicroelectronics ESDA18WY Datasheet HTML 6Page - STMicroelectronics ESDA18WY Datasheet HTML 7Page - STMicroelectronics ESDA18WY Datasheet HTML 8Page - STMicroelectronics ESDA18WY Datasheet HTML 9Page - STMicroelectronics ESDA18WY Datasheet HTML 10Page - STMicroelectronics ESDA18WY Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2.2
Packing and marking information
Figure 15. Marking layout
XXX
Y
P
Y : Year
P : Assembly location
XXX: Marking value
Refer to Ordering information table
Figure 16. Package orientation in reel
Figure 17. Reel dimensions (mm)
Figure 18. Tape and reel orientation
Figure 19. Inner box dimensions (mm)
205
205
30
ESDAxxWY
Package information
DS14779 - Rev 1
page 7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com