Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA18WY Datasheet(PDF) 9 Page - STMicroelectronics

Part # ESDA18WY
Description  Automotive dual-line unidirectional ESD protection in SOT323
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA18WY Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ESDA18WY Datasheet HTML 5Page - STMicroelectronics ESDA18WY Datasheet HTML 6Page - STMicroelectronics ESDA18WY Datasheet HTML 7Page - STMicroelectronics ESDA18WY Datasheet HTML 8Page - STMicroelectronics ESDA18WY Datasheet HTML 9Page - STMicroelectronics ESDA18WY Datasheet HTML 10Page - STMicroelectronics ESDA18WY Datasheet HTML 11Page - STMicroelectronics ESDA18WY Datasheet HTML 12Page - STMicroelectronics ESDA18WY Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
3
Recommendations on PCB assembly
3.1
Recommended footprint
Figure 22. Recommended footprint in mm
3.2
Stencil opening design
•
Stencil opening thickness: 75 μm to 125 µm / 3 mils to 5 mils
•
Stencil opening ratio : 90%
Figure 23. Stencil opening recommendations
3.3
Solder paste
1. Halide-free flux, qualification ROL0 according to ANSI/J-STD-004.
2. “No clean” solder paste recommended.
3. Tack force high enough to resist component displacement during PCB movement.
4. Particles size 20-38 µm per IPCJ STD-005.
ESDAxxWY
Recommendations on PCB assembly
DS14779 - Rev 1
page 9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com