Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F301C6 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM32F301C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301C6 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32F301C6 Datasheet HTML 42Page - STMicroelectronics STM32F301C6 Datasheet HTML 43Page - STMicroelectronics STM32F301C6 Datasheet HTML 44Page - STMicroelectronics STM32F301C6 Datasheet HTML 45Page - STMicroelectronics STM32F301C6 Datasheet HTML 46Page - STMicroelectronics STM32F301C6 Datasheet HTML 47Page - STMicroelectronics STM32F301C6 Datasheet HTML 48Page - STMicroelectronics STM32F301C6 Datasheet HTML 49Page - STMicroelectronics STM32F301C6 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 141 page
background image
Table 15. Alternate functions for Port B
Port &
pin
name
PB0
-
-
-
TSC
_G3_IO2
--
TIM1
_CH2N
--
--
-
-
-
-
EVENT
OUT
PB1
-
-
-
TSC
_G3_IO3
--
TIM1
_CH3N
-
COMP4_
OUT
-
-
---
-
EVENT
OUT
PB2
--
-
TSC
_G3_IO4
-
---
--
--
-
-
-
EVENT
OUT
PB3
JTDO-
TRACE
SWO
TIM2
_CH2
-
TSC
_G5_IO1
--
SPI3_SC
K/I2S3_
CK
USART2
_TX
--
--
-
-
-
EVENT
OUT
PB4
JTRST
TIM16
_CH1
-
TSC
_G5_IO2
--
SPI3_MI
SO/I2S3
_SD
USART2
_RX
--
TIM17
_BKIN
---
-
EVENT
OUT
PB5
-
TIM16
_BKIN
--
I2C1
_SMBAl
-
SPI3
_MOSI/
I2S3ext_
SD
USART2
_CK
I2C3
_SDA
-
TIM17
_CH1
---
-
EVENT
OUT
PB6
-
TIM16
_CH1N
-
TSC
_G5_IO3
I2C1
_SCL
--
USART1
_TX
--
--
-
-
-
EVENT
OUT
PB7
-
TIM17
_CH1N
-
TSC
_G5_IO4
I2C1
_SDA
--
USART1
_RX
--
--
-
-
-
EVENT
OUT
PB8
-
TIM16
_CH1
-
TSC
_SYNC
I2C1
_SCL
--
USART3
_RX
--
--
TIM1
_BKIN
--
EVENT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com