Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F301C6 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32F301C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301C6 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32F301C6 Datasheet HTML 34Page - STMicroelectronics STM32F301C6 Datasheet HTML 35Page - STMicroelectronics STM32F301C6 Datasheet HTML 36Page - STMicroelectronics STM32F301C6 Datasheet HTML 37Page - STMicroelectronics STM32F301C6 Datasheet HTML 38Page - STMicroelectronics STM32F301C6 Datasheet HTML 39Page - STMicroelectronics STM32F301C6 Datasheet HTML 40Page - STMicroelectronics STM32F301C6 Datasheet HTML 41Page - STMicroelectronics STM32F301C6 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 141 page
background image
6
7
F6
10
14 PA0 -TAMPER2-WKUP1
I/O
TTa
(3)
TIM2_CH1/TIM2_ETR,
TSC_G1_IO1, USART2_CTS,
EVENTOUT
ADC1_IN1, RTC_TAMP2, WKUP1
7
8
G7 11
15
PA1
I/O
TTa
(3)
RTC_REFIN, TIM2_CH2,
TSC_G1_IO2, USART2_RTS_DE,
TIM15_CH1N, EVENTOUT
ADC1_IN2
8
9
E5 12
16
PA2
I/O
TTa
(3)
TIM2_CH3, TSC_G1_IO3,
USART2_TX, COMP2_OUT,
TIM15_CH1, EVENTOUT
ADC1_IN3, COMP2_INM
9
10E413
17
PA3
I/O
TTa
(3)
TIM2_CH4, TSC_G1_IO4,
USART2_RX, TIM15_CH2,
EVENTOUT
ADC1_IN4
-
-
F7
-
18
VSS
S
-
-
-
-
--
F2
-
19
VDD
S
-
-
-
-
10
11 G6 14
20
PA4
I/O
TTa
(3)(4)
TSC_G2_IO1, SPI3_NSS/I2S3_WS,
USART2_CK, EVENTOUT
ADC1_IN5, DAC1_OUT1,
COMP2_INM, COMP4_INM,
COMP6_INM
11
12
F5
15
21
PA5
I/O
TTa
-
TIM2_CH1/TIM2_ETR,
TSC_G2_IO2, EVENTOUT
OPAMP2_VINM
12
13
F4
16
22
PA6
I/O
TTa
(4)
TIM16_CH1, TSC_G2_IO3,
TIM1_BKIN, EVENTOUT
ADC1_IN10, OPAMP2_VOUT
13
14
F3
17
23
PA7
I/O
TTa
-
TIM17_CH1, TSC_G2_IO4,
TIM1_CH1N, EVENTOUT
ADC1_IN15, COMP2_INP,
OPAMP2_VINP
Table 13. STM32F301x6/8 pin definitions (continued)
Pin Number
Pin name
(function after reset)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com