Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F301C6 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32F301C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301C6 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32F301C6 Datasheet HTML 48Page - STMicroelectronics STM32F301C6 Datasheet HTML 49Page - STMicroelectronics STM32F301C6 Datasheet HTML 50Page - STMicroelectronics STM32F301C6 Datasheet HTML 51Page - STMicroelectronics STM32F301C6 Datasheet HTML 52Page - STMicroelectronics STM32F301C6 Datasheet HTML 53Page - STMicroelectronics STM32F301C6 Datasheet HTML 54Page - STMicroelectronics STM32F301C6 Datasheet HTML 55Page - STMicroelectronics STM32F301C6 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 141 page
background image
Memory mapping
STM32F301x6 STM32F301x8
52/141
DS9895 Rev 8
APB1
0x4000 7C00 - 0x4000 9BFF
8 K
Reserved
0x4000 7800 - 0x4000 7BFF
1 K
I2C3
0x4000 7400 - 0x4000 77FF
1 K
DAC1
0x4000 7000 - 0x4000 73FF
1 K
PWR
0x4000 5C00 - 0x4000 6FFF
5 K
Reserved
0x4000 5800 - 0x4000 5BFF
1 K
I2C2
0x4000 5400 - 0x4000 57FF
1 K
I2C1
0x4000 4C00 - 0x4000 53FF
2 K
Reserved
0x4000 4800 - 0x4000 4BFF
1 K
USART3
0x4000 4400 - 0x4000 47FF
1 K
USART2
0x4000 4000 - 0x4000 43FF
1 K
I2S3ext
0x4000 3C00 - 0x4000 3FFF
1 K
SPI3/I2S3
0x4000 3800 - 0x4000 3BFF
1 K
SPI2/I2S2
0x4000 3400 - 0x4000 37FF
1 K
I2S2ext
0x4000 3000 - 0x4000 33FF
1 K
IWDG
0x4000 2C00 - 0x4000 2FFF
1 K
WWDG
0x4000 2800 - 0x4000 2BFF
1 K
RTC
0x4000 1400 - 0x4000 27FF
5 K
Reserved
0x4000 1000 - 0x4000 13FF
1 K
TIM6
0x4000 0400 - 0x4000 0FFF
3 K
Reserved
0x4000 0000 - 0x4000 03FF
1 K
TIM2
-
0x2000 4000 - 3FFF FFFF
~512 M
Reserved
-
0x2000 0000 - 0x2000 3FFF
16 K
SRAM
-
0x1FFF F800 - 0x1FFF FFFF
2 K
Option bytes
-
0x1FFF D800 - 0x1FFF F7FF
8 K
System memory
-
0x0801 0000 - 0x1FFF D7FF
~384 M
Reserved
-
0x0800 0000 - 0x0800 FFFF
64 K
Main Flash memory
-
0x0001 0000 - 0x07FF FFFF
~128 M
Reserved
-
0x0000 000 - 0x0000 FFFF
64 K
Main Flash memory,
system memory or SRAM
depending on BOOT
configuration
1. The gray color is used for reserved Flash memory addresses.
Table 19. STM32F301x6 STM32F301x8 peripheral register boundary
addresses (continued)(1)
Bus
Boundary address
Size (bytes)
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com