Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F301C6 Datasheet(PDF) 140 Page - STMicroelectronics

Part # STM32F301C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301C6 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button STM32F301C6 Datasheet HTML 133Page - STMicroelectronics STM32F301C6 Datasheet HTML 134Page - STMicroelectronics STM32F301C6 Datasheet HTML 135Page - STMicroelectronics STM32F301C6 Datasheet HTML 136Page - STMicroelectronics STM32F301C6 Datasheet HTML 137Page - STMicroelectronics STM32F301C6 Datasheet HTML 138Page - STMicroelectronics STM32F301C6 Datasheet HTML 139Page - STMicroelectronics STM32F301C6 Datasheet HTML 140Page - STMicroelectronics STM32F301C6 Datasheet HTML 141Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 140 / 141 page
background image
Revision history
STM32F301x6 STM32F301x8
140/141
DS9895 Rev 8
06-Jun-2017
7
– Updated Section 7.4: UFQFPN32 package information note 3
removed.
– Updated Section 7: Package information adding information
about other optional marking or inset/upset marks.
– Updated note 1 below all the package device marking figures.
– Updated Table 52: I/O current injection susceptibility note by
‘injection is not possible’.
– Removed table ‘Wakeup time using USART’.
– Updated Figure 25: Recommended NRST pin protection note
about the 0.1uF capacitor.
05-Apr-2018
8
Updated Arm word and added Arm logo in Section 1: Introduction.
Added LQFP32 package:
– Updated cover.
– Updated Table 2: STM32F301x6/8 device features and peripheral
counts.
– Updated Figure 4: STM32F301x6/8 UFQFN32 pinout.
– Added Figure 5: STM32F301x6/8 LQFP32 pinout.
– Updated Figure 6: STM32F301x6/8 LQFP48 pinout.
– Updated Table 13: STM32F301x6/8 pin definitions and added
note on LQFP32 column.
– Updated Table 23: General operating conditions.
– Added Section 7.5: LQFP32 package information.
– Updated Table 80: Package thermal characteristics.
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com