Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D369-R33-CS1 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # D369-R33-CS1
Description  369 Series Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

D369-R33-CS1 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  D369-R33-CS1 Datasheet HTML 1Page - TE Connectivity Ltd D369-R33-CS1 Datasheet HTML 2Page - TE Connectivity Ltd D369-R33-CS1 Datasheet HTML 3Page - TE Connectivity Ltd D369-R33-CS1 Datasheet HTML 4Page - TE Connectivity Ltd D369-R33-CS1 Datasheet HTML 5Page - TE Connectivity Ltd D369-R33-CS1 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TE Connectivity
369 Series Connectors
KEY FEATURES
• 3, 6 and 9 way configurations
• Based on existing ARINC 809 / EN4165
• Composite materials
• Robust design
• Fully sealed cable and mating interface
• Mounting of inline with cable-tie
• Button latching mechanism
• Color-coded keyed shells
• Scoop-proof interface
• Military standard AS39029 contacts
• Latch security feature
BENEFITS
• Suitable for broad range of applications
• High reliability in aerospace environment
• Extremely compact and lightweight with
low smoke, toxicity and flammability
• Excellent temperature, vibration and
fluids resistance
• Suitable for areas where high moisture
levels are present
• Simple quick mounting
• Quick positive and audible locking
• Quick and accurate installation of cabling
• Prevents damage to contacts in
blind-mating conditions
• Standard termination tooling and wire
• Cable-tie helps prevent inadvertent
un-mating
Introduction
TE Deutsch 369 series connectors has been developed to provide a range
of high reliability, lightweight, compact and cost efficient connectors suited
to aerospace and other harsh environment applications. The product is
particularly suited to civil aerospace cabin systems applications and is
based on the successful Deutsch ARINC 809/EN4165 single module
connector. The 369 series is designed for applications where fewer contacts
are needed in each connector and shielding is unnecessary.
Connectors are available with
3, 6, and 9 contacts. Installation
and maintenance of cabling
is quick and easy with a range
of individually color-coded
keying options. Furthermore,
each mated half of the
connector can be configured
with either male or female
contacts, doubling the keying configurations available and electrically
protecting contacts on the powered-side of your system.
Aerospace standard AS39029 contacts can be easily extracted and
reinserted from the rear of the connector with standard tooling. The 369
is suitable for blindmating or low visibility conditions with the scoop-proof
interface preventing damage to contacts. The connectors are fully sealed
for use in areas with high levels of moisture and are manufactured from
high performance composite materials which conform to the low smoke,
toxicity and flammability requirements of FAR 25. The 369 series is
complemented by a range of accessories including easy-fit backshells.
TE | 369 Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com