Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D369-R33-CS1 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # D369-R33-CS1
Description  369 Series Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

D369-R33-CS1 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  D369-R33-CS1 Datasheet HTML 1Page - TE Connectivity Ltd D369-R33-CS1 Datasheet HTML 2Page - TE Connectivity Ltd D369-R33-CS1 Datasheet HTML 3Page - TE Connectivity Ltd D369-R33-CS1 Datasheet HTML 4Page - TE Connectivity Ltd D369-R33-CS1 Datasheet HTML 5Page - TE Connectivity Ltd D369-R33-CS1 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TE Connectivity
369 Series Connectors
PLUG
INLINE RECEPTACLE
STRAIGHT CABLE-TIE BACKSHELL
Dimensions
Shell size
A max.
Mass*
3
6.52 mm (0.257”)
1.00 g
6
9.06 mm (0.357”)
1.50 g
9
11.60 mm (0.457”)
2.00 g
Shell size
A max.
Mass*
3
10.41 mm (0.410”)
1.90 g
6
12.95 mm (0.510”)
2.40 g
9
15.49 mm (0.610”)
3.00 g
Shell size
Mass
3
0.24 g
6
0.25 g
9
0.28 g
*Mass based on receptacle less female contact configuration
Mass for 1 female contact = 0.112 g
*Mass based on plug less male contact configuration
Mass for 1 male contact = 0.073 g
Recommended cable-tie: 2.5 mm (0.10”)
Recommended cable-tie: 2.5 mm (0.10”)
TE | 369 Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com