Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D369-R33-CS1 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # D369-R33-CS1
Description  369 Series Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

D369-R33-CS1 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  D369-R33-CS1 Datasheet HTML 1Page - TE Connectivity Ltd D369-R33-CS1 Datasheet HTML 2Page - TE Connectivity Ltd D369-R33-CS1 Datasheet HTML 3Page - TE Connectivity Ltd D369-R33-CS1 Datasheet HTML 4Page - TE Connectivity Ltd D369-R33-CS1 Datasheet HTML 5Page - TE Connectivity Ltd D369-R33-CS1 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TE Connectivity
369 Series Connectors
MECHANICAL CHARACTERISTICS
Operating temperature :
-55°C to +175°C
Fluid resistance :
I.A.W. EN2591-315
Sealing :
12.1 kPa (1.75 psi) [ 15 km/(50,000 ft) altitude] / IP67
Vibration :
EN2591-403, Method B, Level E, 8h/axis
Smoke & Toxicity :
I.A.W. FAR 25.853, Appendix F
Flammability :
I.A.W. FAR25.853 Appendix F; EN2591-317
Durability :
500 mating cycles
Shock :
EN2591-402, Method A, severity 100
MATERIAL CHARACTERISTICS
Shells, Insulators and backshells :
High performance thermoplastic
Contacts :
Copper alloy, gold plated
Seals :
Fluorosilicone rubber
Designed to meet the requirements of RoHS
ELECTRICAL CHARACTERISTICS
Dielectric withstanding voltage :
1300 Vrms mated, <2 mA leakage
Operating current :
5 A (size 22)
CONNECTOR ORDERING EXAMPLE
Part Numbering System
Technical Characteristics
Range prefix
Shell Size
3, 6, 9
Shell Keying
N (Normal)
A, B, C, D
Shell Style
P : Plug
R : In-line receptacle
Contact Style
0 : without
1 : with crimp contacts
Insert Gender
P : Male
S : Female
No. of contacts
3, 6, 9
ACCESSORY ORDERING EXAMPLE
Range prefix
D369
-
STB
-
3
Accessory type
Straight backshell : STB
Shell Size
3, 6, 9
D369
-
P
3
3
-
N
P
0
TE | 369 Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com