Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2F Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S2F
Description  Fast Acting Thin Film Chip Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S2F Datasheet(HTML) 1 Page - Vishay Siliconix

  S2F Datasheet HTML 1Page - Vishay Siliconix S2F Datasheet HTML 2Page - Vishay Siliconix S2F Datasheet HTML 3Page - Vishay Siliconix S2F Datasheet HTML 4Page - Vishay Siliconix S2F Datasheet HTML 5Page - Vishay Siliconix S2F Datasheet HTML 6Page - Vishay Siliconix S2F Datasheet HTML 7Page - Vishay Siliconix S2F Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S2F
www.vishay.com
Vishay Sfernice
Revision: 09-Oct-2025
1
Document Number: 50087
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fast Acting Thin Film Chip Fuses
LINKS TO ADDITIONAL RESOURCES
FEATURES
• 3 sizes: 0402, 0603, and 1206
• Maximal protection as fuses are designed to
open in t < 1 min at 200 % overload
• UL 248-14 compliant
• From 0.315 A to 7 A
• Low resistance
• Body temperature rising < 75 °C at 100 % rated current
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
S2F thin film chip fuses are designed to ensure circuit continuity with minimal resistance and reliable interruption under overload
condition. Particularly adapted to be compatible with numerous applications in the sector of electronics. They comply with
industrial and government standards, as well as Vishay quality and reliability requirements. For very fast acting see S3F
datasheet.
DIMENSIONS
333
DDD3 D
3D Models
TECHNICAL SPECIFICATIONS
DESCRIPTION
S2F0402
S2F0603
S2F1206
Imperial size
0402
0603
1206
Rated current
IN range
0.315 A to 4.00 A
0.40 A to 5.00 A
0.50 A to 7.00 A
Rated voltage
Umax. DC
32 V
32 V and 50 V
32 V and 63 V
Cold resistance at
I ≤ 0.1 x IN
12 m
Ω to 690 mΩ
11 m
Ω to 496 mΩ
7.5 m
Ω to 517 mΩ
Fusing time
Open within 1 min at 200 % rated power
Body temperature rise
< 75 °C at 100 % rated current
Operating temperature range
-25 °C to 125 °C with proper derating factor
Approved UL 248-14 recognition file
E548286
DIMENSIONS AND TOLERANCES in millimeters (inches)
TYPE
A
B
C
D
E
S2F0402
1.00 ± 0.10
(0.039 ± 0.004)
0.52 ± 0.05
(0.020 ± 0.002)
0.35 ± 0.05
(0.014 ± 0.002)
0.20 ± 0.10
(0.008 ± 0.004)
0.25 ± 0.10
(0.010 ± 0.004)
S2F0603
1.60 ± 0.10
(0.063 ± 0.004)
0.80 ± 0.10
(0.031 ± 0.004)
0.45 ± 0.10
(0.018 ± 0.004)
0.30 ± 0.20
(0.012 ± 0.008)
0.35 ± 0.20
(0.014 ± 0.008)
S2F1206
3.10 ± 0.10
(0.122 ± 0.004)
1.55 ± 0.10
(0.061 ± 0.004)
0.60 ± 0.10
(0.024 ± 0.004)
0.50 ± 0.30
(0.020 ± 0.012)
0.50 ± 0.20
(0.020 ± 0.008)
A
D
D
C
E
E
B
F


Similar Part No. - S2F

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
S2F SEMTECH-S2F Datasheet
190Kb / 4P
RECTIFIER, up to 1kV, 2A, 150-500ns
logo
List of Unclassifed Man...
S2F ETC2-S2F Datasheet
200Kb / 5P
Medium Capacity Standard Size Toggles
logo
Nihon Kaiheiki Industry...
S2F NKK-S2F Datasheet
446Kb / 5P
Medium Capacity Standard Size Toggles
logo
PANDUIT CORP.
S2F-C PANDUIT-S2F-C Datasheet
64Kb / 1P
Panduct Snap-Clip Mounting Brackets
logo
SeCoS Halbleitertechnol...
S2FL SECOS-S2FL Datasheet
311Kb / 4P
5V ~ 220V 200W Peak Power Surface Mount TVS
More results

Similar Description - S2F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MFU VISHAY-MFU Datasheet
176Kb / 13P
Thin Film Flat Chip Fuses
25-Jun-08
MFU VISHAY-MFU_10 Datasheet
179Kb / 13P
Thin Film Chip Fuses
06-May-10
logo
Littelfuse
0433.800NR LITTELFUSE-0433.800NR Datasheet
172Kb / 3P
Surface Mount Fuses Thin Film > 1206 Size > Very Fast Acting > 433 Series
logo
Protek Devices
PF0603F PROTEC-PF0603F Datasheet
471Kb / 6P
Fast acting chip fuses
PF1206F PROTEC-PF1206F Datasheet
472Kb / 6P
Fast acting chip fuses
logo
Vishay Siliconix
MFU1206FF03000P500 VISHAY-MFU1206FF03000P500 Datasheet
169Kb / 13P
Thin Film Chip Fuses
11-Mar-13
logo
Tyco Electronics
651855 MACOM-651855 Datasheet
337Kb / 6P
Fast-Acting Chip Fuses
logo
Protek Devices
PF0603F PROTEC-PF0603F_15 Datasheet
475Kb / 6P
FAST ACTING CHIP FUSES
PF1206F PROTEC-PF1206F_15 Datasheet
475Kb / 6P
FAST ACTING CHIP FUSES
PF0402F200 PROTEC-PF0402F200 Datasheet
476Kb / 6P
Fast acting chip fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com