Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2F Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S2F
Description  Fast Acting Thin Film Chip Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S2F Datasheet(HTML) 2 Page - Vishay Siliconix

  S2F Datasheet HTML 1Page - Vishay Siliconix S2F Datasheet HTML 2Page - Vishay Siliconix S2F Datasheet HTML 3Page - Vishay Siliconix S2F Datasheet HTML 4Page - Vishay Siliconix S2F Datasheet HTML 5Page - Vishay Siliconix S2F Datasheet HTML 6Page - Vishay Siliconix S2F Datasheet HTML 7Page - Vishay Siliconix S2F Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
S2F
www.vishay.com
Vishay Sfernice
Revision: 09-Oct-2025
2
Document Number: 50087
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LAND PATTERN DIMENSIONS
Note
(1) Resistance value was measured with less than 10 % of rated current
MECHANICAL SPECIFICATIONS
Substrate
Ceramic
Technology
Thin film
Termination
Cu / Ni plating
SUGGESTED LAND PATTERN DIMENSIONS in millimeters (inches)
TYPE
a
b
c
S2F0402
0.55 to 065
(0.022 to 0.026)
1.40 to 1.60
(0.055 to 0.063)
0.74 to 0.94
(0.029 to 0.037)
S2F0603
0.85 to 0.95
(0.033 to 0.037)
2.00 to 2.20
(0.079 to 0.087)
1.50 to 1.70
(0.059 to 0.067)
S2F1206
0.95 to 1.05
(0.037 to 0.041)
4.40 to 5.00
(0.173 to 0.197)
2.30 to 2.50
(0.091 to 0.098)
S2F0402 RATING
PART DESIGNATION
MARKING
RATED CURRENT
(A)
FUSING TIME
RESISTANCE (1) (m
Ω),
TOLERANCE: ± 25 %
RATED VOLTAGE
(VDC)
BREAKING
CAPACITY
S2F040232VA315TT
D
0.315
Open within
1 min at 200 %
rated current
690
32
32 VDC, 35 A
S2F040232VA500TT
F
0.500
340
S2F040232VA750TT
V
0.750
140
S2F040232VA800TT
K
0.800
100
S2F040232V1A00TT
L
1.000
95
S2F040232V1A25TT
M
1.250
57
S2F040232V1A50TT
P
1.500
45
S2F040232V1A60TT
N
1.600
44
S2F040232V2A00TT
S
2.000
33
S2F040232V2A50TT
T
2.500
25
S2F040232V3A00TT
3
3.000
19
S2F040232V3A15TT
U
3.150
18
S2F040232V4A00TT
W
4.000
12
a
b
c



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com