Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2F Datasheet(PDF) 3 Page - Vishay Siliconix

Part # S2F
Description  Fast Acting Thin Film Chip Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S2F Datasheet(HTML) 3 Page - Vishay Siliconix

  S2F Datasheet HTML 1Page - Vishay Siliconix S2F Datasheet HTML 2Page - Vishay Siliconix S2F Datasheet HTML 3Page - Vishay Siliconix S2F Datasheet HTML 4Page - Vishay Siliconix S2F Datasheet HTML 5Page - Vishay Siliconix S2F Datasheet HTML 6Page - Vishay Siliconix S2F Datasheet HTML 7Page - Vishay Siliconix S2F Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
S2F
www.vishay.com
Vishay Sfernice
Revision: 09-Oct-2025
3
Document Number: 50087
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Resistance value was measured with less than 10 % of rated current
TEMPERATURE DERATING
Normal ambient temperature: 25 °C
Operating temperature range: -25 °C to 125 °C, with proper derating factor as below:
Chip Fuse Temperature
S2F0603 RATING
PART DESIGNATION
MARKING
RATED CURRENT
(A)
FUSING TIME
RESISTANCE (1) (m
Ω),
TOLERANCE: ± 25 %
RATED VOLTAGE
(VDC)
BREAKING
CAPACITY
S2F060350VA400TT
E
0.40
Open within
1 min at 200 %
rated current
496
50
50 VDC, 50 A
S2F060350VA500TT
F
0.50
290
S2F060332VA630TT
I
0.63
205
32
32 VDC, 50 A
S2F060332VA800TT
K
0.80
132
S2F060332V1A00TT
L
1.00
84
S2F060332V1A25TT
M
1.25
63
S2F060332V1A50TT
P
1.50
50.5
S2F060332V1A60TT
N
1.60
45
S2F060332V2A00TT
S
2.00
34
S2F060332V2A50TT
T
2.50
24.5
S2F060332V3A00TT
3
3.00
20
S2F060332V3A15TT
U
3.15
19
S2F060332V4A00TT
W
4.00
13
S2F060332V5A00TT
Y
5.00
11
S2F1206 RATING
PART DESIGNATION
MARKING
RATED CURRENT
(A)
FUSING TIME
RESISTANCE (1) (m
Ω),
TOLERANCE: ± 25 %
RATED VOLTAGE
(VDC)
BREAKING
CAPACITY
S2F120663VA500TT
F
0.50
Open within
1 min at 200 %
rated current
517
63
63 VDC, 50 A
S2F120663VA800TT
K
0.80
211
S2F120663V1A00TT
L
1.00
132
S2F120663V1A25TT
M
1.25
95
S2F120663V1A50TT
P
1.50
76
S2F120663V2A00TT
S
2.00
40.5
S2F120632V2A50TT
T
2.50
31.5
32
32 VDC, 50 A
S2F120632V3A00TT
3
3.00
23.25
S2F120632V4A00TT
W
4.00
16
S2F120632V5A00TT
Y
5.00
12
S2F120632V7A00TT
Z
7.00
7.5
10
100
1000
10000
80
90
100
110
120
-25
0
25
50
75
100
125
150
Axis Title
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com