Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1064CSW Datasheet(PDF) 6 Page - Analog Devices

Part # LTC1064CSW
Description  Low Noise, Fast, Quad Universal Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1064CSW Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC1064CSW Datasheet HTML 2Page - Analog Devices LTC1064CSW Datasheet HTML 3Page - Analog Devices LTC1064CSW Datasheet HTML 4Page - Analog Devices LTC1064CSW Datasheet HTML 5Page - Analog Devices LTC1064CSW Datasheet HTML 6Page - Analog Devices LTC1064CSW Datasheet HTML 7Page - Analog Devices LTC1064CSW Datasheet HTML 8Page - Analog Devices LTC1064CSW Datasheet HTML 9Page - Analog Devices LTC1064CSW Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC1064
6
1064fb
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
V–
CLK
50/100
AGND
V+
ANALOG
GROUND
PLANE
NOTE: PINS 5, 8, 20, IF NOT USED, SHOULD BE CONNECTED TO PIN 6
CLOCK INPUT
V+ = 15V, TRIP VOLTAGE = 7V
V+ = 10V, TRIP VOLTAGE = 6.4V
V+ = 5V, TRIP VOLTAGE = 3V
TO DIGITAL
GROUND
V+
LTC1064
0.1
µF
5k
1064 F01
5k
1
µF
V+/2
+
PIN FUNCTIONS
AGND (Pin 6): Analog Ground. When the LTC1064 oper-
ates with dual supplies, Pin 6 should be tied to system
ground. When the LTC1064 operates with a single positive
supply, the analog ground pin should be tied to 1/2 supply
and it should be bypassed with a 1
µF solid tantalum in
parallel with a 0.1
µF ceramic capacitor, Figure 1. The
positive input of all the internal op amps, as well as the
common reference of all the internal switches, are inter-
nally tied to the analog ground pin. Because of this, a very
“clean” ground is recommended.
50/100 (Pin 17): By tying Pin 17 to V +, all filter sections
operate with a clock-to-center frequency ratio internally
set at 50:1. When Pin 17 is at mid-supplies, sections B and
C operate with (fCLK/fO) = 50:1 and sections A and D
operate at 100:1. When Pin 17 is shorted to the negative
supply pin, all filter sections operate with (fCLK/fO) =
100:1.
V +, V – (Pins 7, 19): Power Supplies. They should be
bypassed with a 0.1
µF ceramic capacitor. Low noise,
nonswitching power supplies are recommended. The de-
vice operates with a single 5V supply and with dual
supplies. The absolute maximum operating power supply
voltage is
±8V.
CLK (Pin 18): Clock. For
±5V supplies the logic threshold
level is 1.4V. For
±8V and 0V to 5V supplies the logic
threshold levels are 2.2V and 3V respectively. The logic
threshold levels vary
±100mV over the full military tem-
perature range. The recommended duty cycle of the input
clock is 50%, although for clock frequencies below 500kHz,
the clock “on” time can be as low as 200ns. The maximum
clock frequency for
±5V supplies is 4MHz. For ±7V
supplies and above, the maximum clock frequency is
7MHz.
Figure 1. Single Supply Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com