Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1064CSW Datasheet(PDF) 14 Page - Analog Devices

Part # LTC1064CSW
Description  Low Noise, Fast, Quad Universal Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1064CSW Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC1064CSW Datasheet HTML 10Page - Analog Devices LTC1064CSW Datasheet HTML 11Page - Analog Devices LTC1064CSW Datasheet HTML 12Page - Analog Devices LTC1064CSW Datasheet HTML 13Page - Analog Devices LTC1064CSW Datasheet HTML 14Page - Analog Devices LTC1064CSW Datasheet HTML 15Page - Analog Devices LTC1064CSW Datasheet HTML 16Page - Analog Devices LTC1064CSW Datasheet HTML 17Page - Analog Devices LTC1064CSW Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC1064
14
1064fb
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
50/100
LPD
BPD
HPD
INV D
LTC1064
R22
R32
R42
R21
R31
R41
R11
RL2
R44
R34
R24
7.5V
0.1
µF
–7.5V
–7.5V
VOUT
VIN
1064 TA13
R43
R33
R23
RESISTOR VALUES:
R11 = 19.1k
R21 = 10k
R31 = 13.7k
R41 = 15.4k
RL1 = 14k
RH1 = 30.9k
R22 = 10k
R32 = 23.7k
R42 = 10.2k
RL2 = 26.7k
RH2 = 76.8k
R23 = 11.3k
R33 = 84.5k
R43 = 10k
RL3 = 10k
RH3 = 60.2k
R24 = 15.4k
R34 = 15.2k
R44 = 42.7k
NOTE: FOR tCUTOFF >15kHz, ADD A 5pF CAPACITOR ACROSS R41 AND R43
fCLK ≤ 2MHz
RL1
RH1
RH2
RL3
RH3
0.1
µF
TYPICAL APPLICATIO S
FREQUENCY (kHz)
0
0
–15
–30
–45
–60
–75
–90
–105
30
50
1064 TA14
10
20
40
60
70
8TH ORDER CLOCK-SWEEPABLE LOWPASS
ELLIPTIC ANTIALIASING FILTER MAINTAINS,
FOR 0.1Hz
≤ fCUTOFF ≤ 20kHz, A ±0.1dB MAX
PASSBAND ERROR AND 72dB MIN STOPBAND
ATTENUATION AT 1.5
× fCUTOFF
TOTAL WIDEBAND NOISE = 150
µVRMS,
THD = 70dB (0.03%) FOR VIN = 3VRMS,
fCLK/fCUTOFF = 100:1. THIS FILTER AVAILABLE
AS LTC1064-1 WITH INTERNAL THIN FILM
RESISTORS
8th Order Clock-Sweepable Lowpass Elliptic Antialiasing Filter
Amplitude Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com