Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1064CSW Datasheet(PDF) 16 Page - Analog Devices

Part # LTC1064CSW
Description  Low Noise, Fast, Quad Universal Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1064CSW Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC1064CSW Datasheet HTML 12Page - Analog Devices LTC1064CSW Datasheet HTML 13Page - Analog Devices LTC1064CSW Datasheet HTML 14Page - Analog Devices LTC1064CSW Datasheet HTML 15Page - Analog Devices LTC1064CSW Datasheet HTML 16Page - Analog Devices LTC1064CSW Datasheet HTML 17Page - Analog Devices LTC1064CSW Datasheet HTML 18Page - Analog Devices LTC1064CSW Datasheet HTML 19Page - Analog Devices LTC1064CSW Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC1064
16
1064fb
INPUT FREQUENCY (Hz)
10k
50k
15
0
–15
–30
–45
–60
–75
–90
–105
100k
1M
1064 TA20
PASSBAND RIPPLE = 0.2dB
Dual 5th Order Chebyshev Lowpass Filter with
50kHz and 100kHz Cutoff Frequencies
Amplitude Response
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
50/100
LPD
BPD
HPD
INV D
LTC1064
R23
R33
R43
R24
R34
R44
R14
R42
R32
R22
8V
0.1
µF
C2
1000pF
2pF
C1
1000pF
22pF
39pF
4pF
–8V
VOUT2
fC = 100kHz
VOUT1
fC = 50kHz
VIN2
VIN1
1064 TA19
R41
R31
R21
RESISTOR VALUES:
R11a = 4.32k
R21 = 11.8k
R31 = 29.4k
R41 = 10k
R11b = 27.4k
R22 = 20k
R32 = 21.5k
R42 = 31.6k
R12 = 10.5k
R23 = 11.8k
R33 = 29.4k
R43 = 10k
R13a = 3k
R24 = 20k
R34 = 21.6k
R44 = 31.6k
R13b = 29.4k
R14 = 10.5k
5MHz
T2L
R12
R13b
R13a
R11b
R11a
0.1
µF
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com