Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-6 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC1069-6
Description  Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-6 Datasheet(HTML) 3 Page - Analog Devices

  LTC1069-6 Datasheet HTML 1Page - Analog Devices LTC1069-6 Datasheet HTML 2Page - Analog Devices LTC1069-6 Datasheet HTML 3Page - Analog Devices LTC1069-6 Datasheet HTML 4Page - Analog Devices LTC1069-6 Datasheet HTML 5Page - Analog Devices LTC1069-6 Datasheet HTML 6Page - Analog Devices LTC1069-6 Datasheet HTML 7Page - Analog Devices LTC1069-6 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LTC1064-1
3
10641fa
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±7.5V, fCLK = 1MHz, R1 = 10k, C1 = 10pF, TTL or CMOS clock input
level unless otherwise specified.
Note 2: For tighter specifications please contact LTC Marketing.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Frequency Range
0fCLK/2
kHz
Output Voltage Swing and
VS = ±2.37V
●
±1V
Operating Input Voltage Range
VS = ±5V
●
±3V
VS = ±7.5V
●
±5V
Total Harmonic Distortion
VS = ±5V, Input = 1VRMS at 1kHz
0.015
%
VS = ±7.5V, Input = 3VRMS at 1kHz
0.03
%
Wideband Noise
VS = ±5V, Input = GND 1Hz to 999kHz
150
µVRMS
VS = ±7.5V, Input = GND 1Hz to 999kHz
165
µVRMS
Output DC Offset
VS = ±7.5V, Pin 2 Grounded
LTC1064-1
50
175
mV
LTC1064-1A
50
125
mV
Output DC Offset TempCo
VS = ±5V
–100
µV/°C
Input Impedance
10
20
kΩ
Output Impedance
fOUT = 10kHz
2
Ω
Output Short-Circuit Current
Source/Sink
3/1
mA
Clock Feedthrough
200
µVRMS
Maximum Clock Frequency
50% Duty Cycle, VS = ±7.5V
5
MHz
Power Supply Current
VS = ±2.37V
●
10
22
mA
VS = ±5V
12
23
mA
●
26
mA
VS = ±7.5V, fCLK = 1MHz
16
28
mA
●
32
mA
Power Supply Voltage Range
●
±2.37
±8V
FREQUENCY (kHz)
1
15
0
–15
–30
–45
–60
–75
–90
–105
10
100
1064 G01
VS = ±5V
TA = 25°C
fCLK = 1MHz
fC = 10kHz ± 0.1dB
f–3dB = 10.7kHz
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
TYPICAL PERFOR A CE CHARACTERISTICS
Gain vs Frequency
Phase vs Frequency
Group Delay
FREQUENCY (kHz)
01
3
5
6
0
–45
–90
–135
–180
–225
–270
–315
–360
–405
–450
10
9
1064 G02
24
8
711
VS = ±5V
TA = 25°C
fCLK = 1MHz
fC = 10kHz
FREQUENCY (kHz)
500
450
400
350
300
250
200
150
100
50
0
1064 G03
01
2
3
4
5
678
9
12
10 11
VS = ±5V
TA = 25°C
fCLK = 1MHz
fC = 10kHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com