Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-6 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC1069-6
Description  Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-6 Datasheet(HTML) 4 Page - Analog Devices

  LTC1069-6 Datasheet HTML 1Page - Analog Devices LTC1069-6 Datasheet HTML 2Page - Analog Devices LTC1069-6 Datasheet HTML 3Page - Analog Devices LTC1069-6 Datasheet HTML 4Page - Analog Devices LTC1069-6 Datasheet HTML 5Page - Analog Devices LTC1069-6 Datasheet HTML 6Page - Analog Devices LTC1069-6 Datasheet HTML 7Page - Analog Devices LTC1069-6 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC1064-1
4
10641fa
FREQUENCY (kHz)
1
15
0
–15
–30
–45
–60
–75
–90
–105
10
100
1064 G04
fCLK = 2MHz, fC = 20kHz
COMP1 NOT USED,
COMP2 = 20pF
fCLK = 4MHz, fC = 40kHz
COMP1 = 36pF
COMP2 = 47pF
fCLK = 3MHz, fC = 30kHz
COMP1 = 24pF
COMP2 = 36pF
VS = ±5V
TA = 25°C
FREQUENCY (kHz)
1
15
0
–15
–30
–45
–60
–75
–90
–105
10
100
1064 G05
fCLK = 3MHz, fC = 30kHz
COMP1 = 10pF
COMP2 = 15pF
fCLK = 4MHz, fC = 40kHz
COMP1 = 20pF
COMP2 = 30pF
VS = ±7.5V
TA = 25°C
fCLK = 5MHz, fC = 50kHz
COMP1 = 30pF
COMP2 = 47pF
Gain vs Frequency
Gain vs Frequency
Gain vs Frequency
Typical Wideband Noise
(151µVRMS) VS = ±5V, TA = 25°C
fCLK = 1MHz, fC = 10kHz Input
Grounded
Power Supply Current vs Power
Supply Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
TOTAL POWER SUPPLY VOLTAGE (V)
0
2468 10 12 14 16 18 20 22 24
48
44
40
36
32
28
24
20
16
12
8
4
0
1064 G09
TA = –55°C
TA = 25°C
TA = 125°C
fCLK = 1MHz
FREQUENCY (kHz)
1
5
0
–5
–10
–15
–20
–25
–30
–35
10
100
1064 G06
VS = ±7.5V
fCLK = 5MHz
fC = 50kHz
COMP1 = 33pF
COMP2 = 56pF
25°C GAIN PEAK =
0.4dB AT 30kHz
125°C GAIN PEAK =
1dB AT 35kHz
is protected against static discharge. The device’s output,
Pin 9, is the output of an op amp which can typically source/
sink 3mA/1mA. Although the internal op amps are unity
gain stable, driving long coax cables is not recommended.
When testing the device for noise and distortion, the
output, Pin 9, should be buffered (Figure 4).
The op amp
power supply wire (or trace) should be connected
directly to the power source.
AGND (Pins 3, 5): For dual supply operation these pins
should be connected to a ground plane. For single supply
PI FU CTIO S
COMP1, INV A, COMP2, INV C (Pins 1,6,7, and 13): For
filter cutoff frequencies higher than 20kHz, in order to
minimize the passband ripple, compensation capacitors
should be added between Pin 6 and Pin 7 (COMP1) and
Pin 1 and Pin 13 (COMP2). For COMP1 (COMP2), add 1pF
(1.5pF) mica capacitor for each kHz increase in cutoff
frequency above 20kHz. For more detail refer to Gain vs
Frequency graphs.
VIN, VOUT (Pins 2, 9): The input Pin 2 is connected to an
18k resistor tied to the inverting input of an op amp. Pin 2
(Pin Numbers Refer to the 14-Pin Package)
Total Harmonic Distortion
(0.025%) VS = ±7.5V, TA = 25°C
fCLK = 1MHz, fC = 10kHz
Input = 1kHz at 3VRMS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com