Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-6 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC1069-6
Description  Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-6 Datasheet(HTML) 8 Page - Analog Devices

  LTC1069-6 Datasheet HTML 1Page - Analog Devices LTC1069-6 Datasheet HTML 2Page - Analog Devices LTC1069-6 Datasheet HTML 3Page - Analog Devices LTC1069-6 Datasheet HTML 4Page - Analog Devices LTC1069-6 Datasheet HTML 5Page - Analog Devices LTC1069-6 Datasheet HTML 6Page - Analog Devices LTC1069-6 Datasheet HTML 7Page - Analog Devices LTC1069-6 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LTC1064-1
8
10641fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
 LINEAR TECHNOLOGY CORPORATION 1989
RELATED PARTS
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LTC1069-1
8th Order Elliptic Lowpass
S0-8 Package, Low Power
LTC1069-6
Single Supply, 8th Order Elliptic Lowpass
S0-8 Package, Very Low Power
LTC1569-6
DC Accurate, 10th Order, Lowpass
Internal Precision Clock, Low Power
LTC1569-7
DC Accurate, 10th Order, Lowpass
Internal Precision Clock, S0-8 Package
LW/TP 1202 1K REV A • PRINTED IN USA
fIN (kHz)
1
15
0
–15
–30
–45
–60
–75
–90
–105
10
100
1064 TA05
f–3dB = 3kHz
fCLK = 750kHz
Transitional Elliptic-Bessel 10th Order Lowpass Filter
Transient Response to a 2V Step Input
Amplitude Response
LTC1064-1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
V+
V–
fCLK = 250
× f–3dB
1064 TA03
0.1µF
0.1µF
VOUT
VIN
C
47.5k
–
+
LT1056
C
47.5k
C =
(µF)
3
f–3dB
OUTPUT WIDEBAND NOISE:110µVRMS
R(h, I)
COMP2*
V–
fCLK
NC
VOUT
NC
INV C
VIN
AGND
V+
AGND
COMP1*
INV A
1V/DIV
0.1ms/DIV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com