Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

765 Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # 765
Description  0.10 [2.5]mm x 0.374 LONG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

765 Datasheet(HTML) 1 Page - Switchcraft, Inc.

  765 Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.82
20.8
0.48
12.2
1.24
31.5
5/16-24 UNF-2A
THREAD
1.00
25.4
0.38
9.5
0.218
REF
5.5
1.42
36.1
0.06
1.6
0.374
9.5
0.10 ID REF
2.5
SLEEVE TERMINAL
CABLE CLAMP
TIP TERMINAL
HANDLE
SHIPPED
UNASSEMBLED
0.218 ID REF
5.5
NOTES:
1. MATERIALS:
CONDUCTORS - COPPER ALLOY, NICKEL PLATED
TERMINALS - COPPER ALLOY, TIN PLATED
INSULATORS, HANDLE - THERMOPLASTIC
2. THIS PRODUCT IS RoHS COMPLIANT.
PART
NUMBER
HANDLE
COLOR
760
BLACK
765
RED
D
760-765
0.10 [2.5]mm x 0.374 LONG
POWER PLUG, RoHS
DO NOT SCALE DRAWING
REVISIONS
APVD
BY
DATE
ECO NUMBER
REV
REV
PART No.
NAME
1. ALL DIMENSIONS IN INCHES
- TWO PLACE DECIMALS
0.02
- THREE PLACE DECIMALS
0.005
1
OF
1
SHEET
RV
5-27-87
EB
5-27-87
LSP
5-27-87
TJK
JEB
01-07-11
CAD REDRAW
26679
D
APVD
CHKD
BY
DATE DRAWN
2:1
SCALE
FIRST USED ON
SPEC No.
SPEC No.
MATERIAL
FINISH
UNLESS OTHERWISE SPECIFIED
TEMPER
LBS/M
MULT
WIDTH
SIZE
THIS DRAWING DESCRIBES A DESIGN CONSIDERED PROPRIETARY IN NATURE, DEVELOPED AND MANUFACTURED
BY SWITCHCRAFT INC. AND IS RELEASED ON A CONFIDENTIAL BASIS FOR IDENTIFICATION PURPOSES ONLY.
A
SolidWorks CAD File
CUSTOMER DRAWING


Similar Part No. - 765

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
765 ETC2-765 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
logo
Greenlee Communications
765 GREENLEE-765 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
logo
Keystone Electronics Co...
765 KEYSTONE-765 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
logo
Qualtek Electronics Cor...
765-00-001 QUALTEK-765-00-001 Datasheet
436Kb / 1P
MULTI-FUNCTION MODULE
765-00-002 QUALTEK-765-00-002 Datasheet
433Kb / 1P
MULTI-FUNCTION MODULE
More results

Similar Description - 765

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LUB371 SIEMENS-LUB371 Datasheet
335Kb / 7P
Symbol MULTILED 2.5 mm x 5 mm, Partly Diffused
logo
Agilent(Hewlett-Packard...
HLMP-R100 HP-HLMP-R100 Datasheet
146Kb / 4P
2.5 mm x 7.6 mm Rectangular LED Lamps
logo
Abracon Corporation
ABBTM-2.4GHZ-T ABRACON-ABBTM-2.4GHZ-T Datasheet
2Mb / 6P
26.9 x 13.0 x 2.5 mm SMT Bluetooth Module
01.10.12
logo
ILSI America LLC
I583 ILSI-I583 Datasheet
53Kb / 2P
2.0 mm x 2.5 mm Ceramic Package SMD TCXO
logo
Switchcraft, Inc.
S760 SWITCH-S760 Datasheet
210Kb / 1P
0.08 2mm x 0.374 LONG POWER PLUG, RoHS
S760K SWITCH-S760K Datasheet
222Kb / 1P
0.08 2.0mm x 0.374 LONG POWER PLUG W/LOCKRING, RoHS
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
AT-0002-XX TAITIEN-AT-0002-XX Datasheet
244Kb / 1P
3.2 x 2.5 mm SMD Crystal
AT-0017-XY TAITIEN-AT-0017-XY Datasheet
467Kb / 1P
2.5 x 2.0 mm SMD Crystal
logo
Broadcom Corporation.
HLMP-R100 BOARDCOM-HLMP-R100 Datasheet
223Kb / 8P
2.5 mm x 7.6 mm Rectangular LED Lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com