Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU-63607 Datasheet(PDF) 5 Page - ebm-papst

Part # LU-63607
Description  AC axial compact fan
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

LU-63607 Datasheet(HTML) 5 Page - ebm-papst

  LU-63607 Datasheet HTML 1Page - ebm-papst LU-63607 Datasheet HTML 2Page - ebm-papst LU-63607 Datasheet HTML 3Page - ebm-papst LU-63607 Datasheet HTML 4Page - ebm-papst LU-63607 Datasheet HTML 5Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AC axial compact fan
sickled blades (S series)
W2E250-HL08-07
Charts: Air flow 60 Hz
Druck p f s[Pa]für Rho=1,2kg/m^3
qv[m^3/h]
2.200
2.000
1.800
1.600
1.400
1.200
1.000
800
600
400
200
0
qv[cfm]
1.200
1.000
800
600
400
200
0
170
165
160
155
150
145
140
135
130
125
120
115
110
105
100
95
90
85
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
0,68
0,66
0,64
0,62
0,6
0,58
0,56
0,54
0,52
0,5
0,48
0,46
0,44
0,42
0,4
0,38
0,36
0,34
0,32
0,3
0,28
0,26
0,24
0,22
0,2
0,18
0,16
0,14
0,12
0,1
0,08
0,06
0,04
0,02
0
1
2
3
4
Measurement: LU-63606
Air performance measured as per ISO 5801
Installation category A. For detailed
information on the measuring set-up, please
contact ebm-papst. Suction-side noise
levels: LwA measured as per ISO 13347 /
LpA measured with 1m distance to fan axis.
The values given are valid under the
measuring conditions mentioned above and
may vary according to the actual installation
situation. With any deviation from the
standard set-up, the specific values have to
be checked and reviewed with the unit
installed.
Measured values
1
2
3
4
U
V
115
115
115
115
f
Hz
60
60
60
60
n
min-1
2650
2560
2440
2275
Pe
W
165
174
178
183
I
A
1.45
1.51
1.55
1.59
qv
m3/h
1985
1820
1600
1225
pfs
Pa
0
30
60
90
U = Supply voltage · f = Frequency · n = Speed · Pe = Power input · I = Current draw · qv = Air flow · pfs = Pressure increase
Item no. 10492-5-9980 · Revision 66668 · Release 2009-07-01 · Page 5 / 5
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com