Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU-63607 Datasheet(PDF) 2 Page - ebm-papst

Part # LU-63607
Description  AC axial compact fan
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

LU-63607 Datasheet(HTML) 2 Page - ebm-papst

  LU-63607 Datasheet HTML 1Page - ebm-papst LU-63607 Datasheet HTML 2Page - ebm-papst LU-63607 Datasheet HTML 3Page - ebm-papst LU-63607 Datasheet HTML 4Page - ebm-papst LU-63607 Datasheet HTML 5Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AC axial compact fan
sickled blades (S series)
W2E250-HL08-07
Technical features
Mass
2.78 kg
Size
250 mm
Surface of rotor
Coated in black
Material of blades
Sheet steel, coated in black
Material of wall ring
Die-cast aluminium
Number of blades
7
Direction of air flow
"V"
Direction of rotation
Counter-clockwise, seen on rotor
Type of protection
IP 44
Insulation class
"B"
Humidity class
F1-2
Max. permissible ambient motor
temp. (transp./ storage)
+ 80 °C
Min. permissible ambient motor
temp. (transp./storage)
- 40 °C
Mounting position
Any
Condensate discharge holes
None
Operation mode
S1
Motor bearing
Ball bearing
Touch current acc. IEC 60990
(measuring network Fig. 4, TN
system)
< 0.75 mA
Electrical leads
Via terminal strips, integrated capacitor connected via terminal strips
Motor protection
Thermal overload protector (TOP) wired internally
Cable exit
Variable
Protection class
I (if protective earth is connected by customer)
Product conforming to standard
EN 60335-1; CE
Approval
UL 2111; CSA C22.2 Nr.77
Item no. 10492-5-9980 · Revision 66668 · Release 2009-07-01 · Page 2 / 5
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com