Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU-63607 Datasheet(PDF) 1 Page - ebm-papst

Part # LU-63607
Description  AC axial compact fan
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

LU-63607 Datasheet(HTML) 1 Page - ebm-papst

  LU-63607 Datasheet HTML 1Page - ebm-papst LU-63607 Datasheet HTML 2Page - ebm-papst LU-63607 Datasheet HTML 3Page - ebm-papst LU-63607 Datasheet HTML 4Page - ebm-papst LU-63607 Datasheet HTML 5Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AC axial compact fan
sickled blades (S series)
W2E250-HL08-07
ebm-papst Mulfingen GmbH & Co. KG
Bachmühle 2 · D-74673 Mulfingen
Phone +49 7938 81-0
Fax +49 7938 81-110
info1@de.ebmpapst.com
www.ebmpapst.com
Limited partnership · Headquarters Mulfingen
County court Stuttgart · HRA 590344
General partner Elektrobau Mulfingen GmbH · Headquarters Mulfingen
County court Stuttgart · HRB 590142
Nominal data
Type
W2E250-HL08-07
Motor
M2E068-CF
Phase
1~
1~
1~
Nominal voltage
VAC
115
115
115
Frequency
Hz
50
60
60
Type of data definition
fa
fa
fa
Valid for approval / standard
CE
CE
UL 2111
Speed
min-1
2500
2650
2650
Power input
W
120
165
175
Current draw
A
1.05
1.45
1.47
Motor capacitor
µF
12
12
12
Capacitor voltage
VDB
220
220
220
Max. back pressure
Pa
130
90
90
Min. ambient temperature
°C
-25
-25
-25
Max. ambient temperature
°C
50
30
30
Starting current
A
1.82
1.8
1.8
ml = max. load · me = max. efficiency · fa = running at free air · cs = customer specs · cu = customer unit
Subject to alterations
Item no. 10492-5-9980 · Revision 66668 · Release 2009-07-01 · Page 1 / 5
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - LU-63607

ManufacturerPart #DatasheetDescription
logo
RAYEX ELECTRONICS CO., ...
LU-12 RAYEX-LU-12 Datasheet
618Kb / 2P
LU-H SERIES
LU-12 RAYEX-LU-12 Datasheet
444Kb / 2P
LU SERIES
LU-12H RAYEX-LU-12H Datasheet
618Kb / 2P
LU-H SERIES
LU-5-R RAYEX-LU-5-R Datasheet
65Kb / 2P
LU SERIES
logo
OSRAM GmbH
LU-5351 OSRAM-LU-5351 Datasheet
310Kb / 12P
colorless, diffused
More results

Similar Description - LU-63607

ManufacturerPart #DatasheetDescription
logo
ebm-papst
AC6100NM EBMPAPST-AC6100NM_11 Datasheet
100Kb / 3P
AC axial compact fan
logo
Molex Electronics Ltd.
AC3200JH MOLEX10-AC3200JH Datasheet
174Kb / 4P
AC axial compact fan
logo
ebm-papst
4550N EBMPAPST-4550N Datasheet
296Kb / 4P
AC axial compact fan
4580Z EBMPAPST-4580Z Datasheet
285Kb / 4P
AC axial compact fan
4586Z EBMPAPST-4586Z Datasheet
285Kb / 4P
AC axial compact fan
4600TA EBMPAPST-4600TA Datasheet
209Kb / 3P
AC axial compact fan
4606N EBMPAPST-4606N Datasheet
296Kb / 4P
AC axial compact fan
4650N EBMPAPST-4650N Datasheet
296Kb / 4P
AC axial compact fan
5606S EBMPAPST-5606S Datasheet
287Kb / 4P
AC axial compact fan
5900 EBMPAPST-5900 Datasheet
293Kb / 4P
AC axial compact fan
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com