Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

913-008-R Datasheet(PDF) 1 Page - Littelfuse

Part # 913-008-R
Description  32V Stackable In-Line Panel-Mount Fuse Holder with Looped Wire Leads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

913-008-R Datasheet(HTML) 1 Page - Littelfuse

  913-008-R Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Datasheet
1
© 2025 Littelfuse, Inc.
Specifications are subject to change without notice.
Rev: 091925
Description
The ATO® 155 Series 32V Stackable In-Line Panel-Mount
Fuse Holder with Looped Wire Leads makes it simple to
install an ATO® or FKS blade-style automotive fuse (sold
separately unless indicated).
Configurations with black 14 AWG leads are compatible
with fuses up to 20 amps, while models of the panel-
mount fuse holder with orange 10 AWG leads accept fuses
up to 30 amps.
The stackable fuse holder can also be used with additional
ATO® 155 Series fuse holders to create a fuse block for
multiple fuses.
Web Resources
Download 2D print, installation guide and technical
resources at: littelfuse.com/ATO155
01550300LXN
Applications
• Automotive
• Electronics
• Small Auxiliary Circuit Protection
Features and Benefits
• Accepts ATO® or FKS blade fuses (sold separately unless
indicated) up to 20 amps or 30 amps
• Configurations available with either black 14 AWG leads
or orange 10 AWG leads to suit different applications
• Stackable fuse holder body can be paired with additional
ATO® 155 Series fuse holders to create a multi-fuse
block
• Various fuse holder component parts are also available
separately, including the body, UL body, and crimp
terminals for the different wire gauges
Ordering Information
Specifications
Max Current Rating:
30A, 20A, 10A
Fuse Type:
ATO®
Mounting Method: 
IN LINE FUSE HOLDER
Max Voltage Rating: 
32V
ATO® 155 Series
32V Stackable In-Line Panel-Mount
Fuse Holder with Looped Wire Leads
PART
NUMBER
DESCRIPTION
FUSE TYPE MOUNTING METHOD MAX CURRENT
RATING
MAX VOLTAGE
RATING
01550300LXN, W/O Fuse
32V Stackable In-Line Panel-Mount Fuse Holder
with Black 14 AWG Looped Wire Leads
ATO
IN LINE FUSE HOLDER
20 Amps
32V
01550310ZXA, W/FUSE 10A
32V Stackable In-Line Panel-Mount Fuse Holder
with Black 14 AWG Looped Wire Leads and 10A Fuse
ATO
IN LINE FUSE HOLDER
10Amps
32V
01550320ZXU, W/O Fuse
32V Stackable In-Line Panel-Mount Fuse Holder
with Terminals for 14 AWG Wire
ATO
IN LINE FUSE HOLDER
20 Amps
32V
01550400Z, W/O Fuse
32V Stackable In-Line Panel-Mount Fuse Holder
with Orange 10 AWG Looped Wire Leads
ATO
IN LINE FUSE HOLDER
30 Amps
32V
01550430ZXU, W/O Fuse
32V Stackable In-Line Panel-Mount Fuse Holder
with Terminals for 10 AWG Wire
ATO
IN LINE FUSE HOLDER
30 Amps
32V
01550300Z, W/O Fuse
32V Stackable In-Line Panel-Mount Fuse Holder
with Black 14 AWG Looped Wire Leads
ATO
IN LINE FUSE HOLDER
20 Amps
32V
868-062-000UL, W/O Fuse
32V Stackable In-Line Panel-Mount Fuse Holder UL Body
ATO
IN LINE FUSE HOLDER
N/A
N/A
913-008
Crimp Terminal with Insulation Grip - 14 Gauge, Reel
N/A
CRIMPED
N/A
N/A
913-008-001
Crimp Terminal with Insulation Grip - 14 Gauge
N/A
CRIMPED
N/A
N/A
913-008-R
Crimp Terminal with Insulation Grip - 14 Gauge, Reverse Reel
N/A
CRIMPED
N/A
N/A
868-062-000, W/O Fuse
32V Stackable In-Line Panel-Mount Fuse Holder Body
ATO
IN LINE FUSE HOLDER
N/A
N/A
913-007
Crimp Terminal with Insulation Grip - 10 Gauge, Reel
N/A
CRIMPED
N/A
N/A
913-007-001
Crimp Terminal with Insulation Grip - 10 Gauge
N/A
CRIMPED
N/A
N/A
01550400LXN W/O Fuse
32V Stackable In-Line Panel-Mount Fuse Holder
with Orange 10 AWG Looped Wire Leads
ATO
IN LINE FUSE HOLDER
30 Amps
32V


Similar Part No. - 913-008-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
913-008-R LITTELFUSE-913-008-R Datasheet
117Kb / 1P
ATO짰 155 SERIES 32V STACKABLE IN-LINE PANEL-MOUNT FUSE HOLDER WITH LOOPED WIRE LEADS
2021
More results

Similar Description - 913-008-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
01550300 LITTELFUSE-01550300_18 Datasheet
613Kb / 1P
STACKABLE PANEL MOUNT FUSE HOLDER
04980921GXM5 LITTELFUSE-04980921GXM5_V01 Datasheet
146Kb / 1P
MIDI 498 IL SERIES 32V IN-LINE FUSE HOLDER
080421-A
0FHA0200Z LITTELFUSE-0FHA0200Z Datasheet
126Kb / 1P
ATO짰 ADD-A-CIRCUIT짰 SERIES 32V IN-LINE FUSE HOLDER
2021
0FHP0001Z LITTELFUSE-0FHP0001Z Datasheet
193Kb / 1P
GLASS FHP 32V IN-LINE BAYONET KNOB GLASS FUSE HOLDER
2021
0FNY0001ZXJ LITTELFUSE-0FNY0001ZXJ Datasheet
157Kb / 1P
GLASS FNY SERIES 32V IN-LINE GLASS FUSE HOLDER
2021
277 LITTELFUSE-277 Datasheet
179Kb / 1P
277 IN-LINE SERIES 32V 20A IN-LINE BLADE FUSE HOLDER
2022
ATO155 LITTELFUSE-ATO155 Datasheet
117Kb / 1P
ATO짰 155 SERIES 32V STACKABLE IN-LINE PANEL-MOUNT FUSE HOLDER WITH LOOPED WIRE LEADS
2021
ATOAFH LITTELFUSE-ATOAFH Datasheet
192Kb / 1P
ATO짰 AFH SERIES 32V IN-LINE WIRE-LEADED PANEL-MOUNT FUSE HOLDER
2021
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
SEALEDMINI LITTELFUSE-SEALEDMINI Datasheet
185Kb / 1P
SEALED MINI짰 SERIES 32V WATERPROOF IN-LINE BLADE FUSE HOLDER
2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com