Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9233 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DA9233
Description  Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100 mA LDO
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9233 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DA9233 Datasheet HTML 32Page - Renesas Technology Corp DA9233 Datasheet HTML 33Page - Renesas Technology Corp DA9233 Datasheet HTML 34Page - Renesas Technology Corp DA9233 Datasheet HTML 35Page - Renesas Technology Corp DA9233 Datasheet HTML 36Page - Renesas Technology Corp DA9233 Datasheet HTML 37Page - Renesas Technology Corp DA9233 Datasheet HTML 38Page - Renesas Technology Corp DA9233 Datasheet HTML 39Page - Renesas Technology Corp DA9233 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
DA9233
Integrated Ultra-Low Quiescent Current, Ultra-Low
Output Ripple Buck Regulator with 100 mA LDO
Datasheet
Revision 2.2
13-Jun-2023
CFR0011-120-00 Rev 5
36 of 50
© 2023 Renesas Electronics
Field Name
Bits
Type
POR
Description
0xC
64 ms after EN_LS_LDO = 1, GPO reset pulse is negated.
0xD
80 ms after EN_LS_LDO = 1, GPO reset pulse is negated.
0xE
96 ms after EN_LS_LDO = 1, GPO reset pulse is negated.
0xF
112 ms after EN_LS_LDO = 1, GPO reset pulse is negated.
GPO_CTRL
[3:0]
cfg OTP 0x0
GPO Control
Value
Description
0x1
Reset Pulse generation output
0x2
PowerGood indicator, Active Low
0x3
PowerGood indicator, Active High
0x4
Event indicator
0x8
Force GPO output low
0x9
Force GPO output hi-z
Table 20: Register BUCK
Address
Register Name
POR Value
Buck enable & VOUT control
0x0005
BUCK
0x58
7
6
5
4
3
2
1
0
BUCK_EN
VOUT_RANGE_HI
Reserved
BUCK_VOUT<4:0>
Field Name
Bits
Type
POR
Description
BUCK_EN
[7]
cfg OTP 0x0
BUCK enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com