Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9233 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # DA9233
Description  Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100 mA LDO
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9233 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button DA9233 Datasheet HTML 35Page - Renesas Technology Corp DA9233 Datasheet HTML 36Page - Renesas Technology Corp DA9233 Datasheet HTML 37Page - Renesas Technology Corp DA9233 Datasheet HTML 38Page - Renesas Technology Corp DA9233 Datasheet HTML 39Page - Renesas Technology Corp DA9233 Datasheet HTML 40Page - Renesas Technology Corp DA9233 Datasheet HTML 41Page - Renesas Technology Corp DA9233 Datasheet HTML 42Page - Renesas Technology Corp DA9233 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
DA9233
Integrated Ultra-Low Quiescent Current, Ultra-Low
Output Ripple Buck Regulator with 100 mA LDO
Datasheet
Revision 2.2
13-Jun-2023
CFR0011-120-00 Rev 5
39 of 50
© 2023 Renesas Electronics
Table 21: Register BUCK_CFG
Address
Register Name
POR Value
Buck config
0x0006
BUCK_CFG
0x00
7
6
5
4
3
2
1
0
Reserved
Reserved
BUCK_PD_CFG2
BUCK_PD_CFG1
Reserved
Reserved
SEL_BUCK_ILIM<1:0>
Field Name
Bits
Type
POR
Description
BUCK_PD_CFG2
[5]
cfg OTP 0x0
0: If BUCK_EN = 0, BUCK_PD_EN = 1 1: If BUCK_EN = 0, BUCK_PD_EN = 0
BUCK_PD_CFG1
[4]
cfg OTP 0x0
0: When BUCK is forced off by faults, BUCK_PD_EN = 1 1: When BUCK is forced off by faults, BUCK_PD_EN = 0
SEL_BUCK_ILIM
[1:0]
cfg OTP 0x0
Buck peak current limit setting
Value
Description
0x0
Default current limit
0x1
Default +50 mA
0x2
Default +100 mA
0x3
Default +150 mA
Table 22: Register LS_LDO
Address
Register Name
POR Value
LS/LDO control
0x0007
LS_LDO
0x0A
7
6
5
4
3
2
1
0
EN_LS_LDO
Reserved
Reserved
LS_LDO<4:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com