Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1067IGN Datasheet(PDF) 14 Page - Analog Devices

Part # LTC1067IGN
Description  Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1067IGN Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC1067IGN Datasheet HTML 10Page - Analog Devices LTC1067IGN Datasheet HTML 11Page - Analog Devices LTC1067IGN Datasheet HTML 12Page - Analog Devices LTC1067IGN Datasheet HTML 13Page - Analog Devices LTC1067IGN Datasheet HTML 14Page - Analog Devices LTC1067IGN Datasheet HTML 15Page - Analog Devices LTC1067IGN Datasheet HTML 16Page - Analog Devices LTC1067IGN Datasheet HTML 17Page - Analog Devices LTC1067IGN Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1067/LTC1067-50
APPLICATIONS INFORMATION
Many applications are more concerned with the negative
output swing than the positive output swing. Interfacing to
an ADC running on a single 5V supply with a 4.096
reference voltage is a standard example. The LTC1067 or
LTC1067-50 will easily reach the 4.096V level for a full-
scale reading. The issue is how close does the output go
to ground. The further the output is from ground, the more
codes that are essentially lost. The previous example
demonstrated that the lowest output voltage would be
about 250mV, although, as is shown below, 15mV is
achievable.
To achieve a lower negative output swing voltage, the
AGND voltage must be adjusted down below the midpoint.
The AGND voltage is determined by two equal, on-chip
resistors. These resistors are typically 15k each. While the
ratio of these two resistors is tightly matched, the absolute
value of the resistors is not tightly controlled. Adjusting
the AGND voltage by simply adding an external resistor
can be done, but caution must be exercised.
In Figure 13, a resistor is used to adjust the AGND voltage
for use with a 5V powered ADC with a full-scale input of
4.096V. The resistor value was chosen carefully to assure
that a 4.096V input signal to the filter yields a full-scale
reading from the ADC and a 0V input signal gives the
lowest possible value (15mV for the LTC1067 and 10mV
for the LTC1067-50). The circuit works well over tempera-
ture and part variations. For this application, the 5V supply
must be above 4.75V.
LOAD RESISTANCE (k
Ω TO V–)
5.0
4.5
4.0
3.5
3.0
2.5
1067 F11
10
0
2
4
6
8
12 14 16 18 20
LTC1067-50
LTC1067
Figure 11. LTC1067/LTC1067-50 Positive Output Voltage
Swing vs Load Resistance, 5V Supply
the output of the first section is near the positive rail
(operating modes invert the signal). The output of the first
stage will saturate at about 250mV (typical for 5V supply)
from positive supply. The output from the second stage
will be 250mV from the negative supply rail (assuming
inversion again) even though the op amp’s output is
capable of swinging to within 15mV.
The positive output voltage swing being less than the
negative swing, coupled with the AGND potential set at the
midpoint of the supplies and inverting of the signal, yields
the following equation for peak-to-peak output swing:
VP-P Swing = (V + – V –) – 2(V+ – VPOSITIVE SWING)
LOAD RESISTANCE (k
Ω TO V–)
3.3
3.0
2.7
2.4
2.1
1.8
1.5
1067 F12
10
0
2
4
6
8
12 14 16 18 20
LTC1067-50
VS = 3V
LTC1067
VS = 3.3V
Figure 12. LTC1067/LTC1067-50 Positive Output Voltage
Swing vs Load Resistance, 3.3V/3V Supplies
0.1
µF
1067 F13
64.9k
1%
LTC1067
LTC1067-50
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
V+
NC
V+
SA
LPA
BPA
HPA/NA
INV A
CLK
AGND
V–
SB
LPB
BPB
HPB/NB
INV B
5V
(4.75VMIN)
1
µF
Figure 13. Power and AGND Connections for
5V ADC with 4.096V Full Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com