Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1067IGN Datasheet(PDF) 16 Page - Analog Devices

Part # LTC1067IGN
Description  Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1067IGN Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC1067IGN Datasheet HTML 12Page - Analog Devices LTC1067IGN Datasheet HTML 13Page - Analog Devices LTC1067IGN Datasheet HTML 14Page - Analog Devices LTC1067IGN Datasheet HTML 15Page - Analog Devices LTC1067IGN Datasheet HTML 16Page - Analog Devices LTC1067IGN Datasheet HTML 17Page - Analog Devices LTC1067IGN Datasheet HTML 18Page - Analog Devices LTC1067IGN Datasheet HTML 19Page - Analog Devices LTC1067IGN Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LTC1067/LTC1067-50
APPLICATIONS INFORMATION
This would be used for operating Mode 3. Here, a 0
Ω
resistor in the R61 position also works. Jumpers JP52 and
JP62 perform the same functions on the B side of the part.
The buffering amplifier can be configured for inverting or
noninverting operation. For inverting applications, con-
nect jumper JP2 positions 1 and 2. Additionally, connect
jumper JP4 for split supply applications or JP8 for a single
supply. For a noninverting application, connect jumper
JP2 positions 2 and 3.
Several other jumpers should be connected as follows:
JP1: Install a jumper wire from position 1 to position 2,
leave the other positions open.
JP5: Install a jumper wire if split supply, leave open if
single supply.
JP6: Leave open.
JP7: Install a jumper wire.
JP9: Install a jumper wire if single supply, leave open if
split supply.
LTC1067
OR
LTC1067-50
R1
200
Ω
1%
CLOCK
IN
C7
0.1
µF
C8
0.1
µF
C9
10
µF
36V
C11
10
µF
36V
TP3
TP5
TP6
TP7
TP11
1067 F15
VOA+
VOA–
VOUT
1/2
LT1498
1/2
LT1498
C2, 0.1
µF
C1
10
µF, 6.3V
JPVNEG
R52
R51
R41
R31
R21
R11
JP1
VIN
TP4
TP9
TP1
D1
MBR0630T1
TP10
V+
C3
10
µF
16V
1
2
4
3
RL2
RB2
RH2
C13
C10
0.1
µF
R4
12 3
3
8
1
4
2
JP52
V+
NC
V+
SA
LPA
BPA
HPA/NA
INV A
16
15
14
13
12
11
10
9
CLK
AGND
V–
SB
LPB
BPB
HPB/NB
INV B
1
2
3
4
5
6
7
8
JP62
CONNECT THIS JUMPER
FOR DUAL SUPPLIES
CONNECT THIS JUMPER
FOR SINGLE SUPPLIES.
THE LTC1067 HAS ON-CHIP
RESISTORS TO GENERATE
1/2 SUPPLY FOR AGND
JPAGND
JP4
JP8
R2
TP2
TP8
V–
R62
C6, 0.1
µF
J1
5
7
6
R3
C12
C5
C4
10
µF
16V
JP3
+
JP7
JP9
JP6
JP5
R42
RL1
RB1
RH1
R32
R22
JP51
JP61
R61
+
D2
MBR0630T1
JP2
Figure 15. Schematic for the LTC1067/LTC1067-50 Demo Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com