Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1067IGN Datasheet(PDF) 20 Page - Analog Devices

Part # LTC1067IGN
Description  Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1067IGN Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC1067IGN Datasheet HTML 12Page - Analog Devices LTC1067IGN Datasheet HTML 13Page - Analog Devices LTC1067IGN Datasheet HTML 14Page - Analog Devices LTC1067IGN Datasheet HTML 15Page - Analog Devices LTC1067IGN Datasheet HTML 16Page - Analog Devices LTC1067IGN Datasheet HTML 17Page - Analog Devices LTC1067IGN Datasheet HTML 18Page - Analog Devices LTC1067IGN Datasheet HTML 19Page - Analog Devices LTC1067IGN Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1067/LTC1067-50
©LINEAR TECHNOLOGY CORPORATION 1997
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
10675fs, sn1067 LT/TP 0698 4K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC1068-25
High Speed Quad Universal Building Block Filter
25:1 Clock-to-fO Ratio
LTC1068-50
Low Power Quad Universal Building Block Filter
50:1 Clock-to-fO Ratio
LTC1068-200
Low Noise, Oversampled Quad Universal Building Block Filter
200:1 Clock-to-fO Ratio
LTC1068
Quad Universal Building Block Filter
100:1 Clock-to-fO Ratio
LTC1562
Quad, Universal, Continuous Time Building Block
10kHz < fC < 150kHz
RELATED PARTS
TYPICAL APPLICATION
1.02kHz Notch Filter for Telecom System
0.1
µF
1067 TA03
LTC1067
5V
R52, 4.99k*
R32, 464k
R22, 75k
R31, 61.9k
R51, 4.99k*
R61, 9.88k*
R21, 10k
R11, 18.7k
VIN***
1
µF
fCLK = 125kHz
1
2
3
4
5
6
7
8
16
15
14
13
12
200
Ω
R62, 10k*
RH1, 40.2k
C21, 300pF**
C22, 30pF**
VOUT
R51, R61, R52, R62 ARE 0.1% TOLERANCE RESISTORS
C21 AND C22 IMPROVE THE NOTCH DEPTH WHERE
*
**
***
1
2
π(R2x)(C2X)
(30)(fNOTCH) <
< (75)(fNOTCH)
WITHOUT C21 AND C22 THE NOTCH DEPTH IS LIMITED TO –35dB
VIN ≤ 1.25VP-P
V+
NC
V+
SA
LPA
BPA
HPA/NA
INV A
CLK
AGND
V–
SB
LPB
11
10
9
HPB/NB
INV B
BPB
Frequency Response
FREQUENCY (kHz)
800
900
1000
1100
1067 TA04
1200
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
S16 0695
1
2
3
4
5
6
7
8
0.150 – 0.157**
(3.810 – 3.988)
16
15
14
13
0.386 – 0.394*
(9.804 – 10.008)
0.228 – 0.244
(5.791 – 6.197)
12
11
10
9
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
S Package
16-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com