Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-1 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC1069-1
Description  Single Supply, Very Low Power, Elliptic Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-1 Datasheet(HTML) 3 Page - Analog Devices

  LTC1069-1 Datasheet HTML 1Page - Analog Devices LTC1069-1 Datasheet HTML 2Page - Analog Devices LTC1069-1 Datasheet HTML 3Page - Analog Devices LTC1069-1 Datasheet HTML 4Page - Analog Devices LTC1069-1 Datasheet HTML 5Page - Analog Devices LTC1069-1 Datasheet HTML 6Page - Analog Devices LTC1069-1 Datasheet HTML 7Page - Analog Devices LTC1069-1 Datasheet HTML 8Page - Analog Devices LTC1069-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LTC1069-6
3
Rev. B
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The input offset voltage is measured with respect to AGND (Pin 1).
The input (Pin 4) is also shorted to the AGND pin. The analog ground pin
potential is internally set to (0.437)(VSUPPLY).
The l denotes the specifications which apply over the full operating
temperature range. fCUTOFF is the filter’s cutoff frequency and is equal to fCLK/50. The fCLK signal level is TTL or CMOS (clock rise or
fall time ≤1µs) RL = 10k, VS = 5V, TA = 25°C, unless otherwise specified. All AC gains are measured relative to the passband gain.
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Gain at fCUTOFF
VS = 5V, fCLK = 200kHz
fTEST = 4.0kHz, VIN = 1VRMS
l
–1.50
–1.65
–0.07
–0.07
–0.20
–0.25
db
db
VS = 3V, fCLK = 200kHz
fTEST = 4.0kHz, VIN = 0.5VRMS
l
–1.5
–1.7
–0.07
–0.07
0
0
db
db
Gain at 1.30fCUTOFF
VS = 5V, fCLK = 200kHz
fTEST = 5.2kHz, VIN = 1VRMS
l
–42
–42
–40
–39
db
db
VS = 3V, fCLK = 200kHz
fTEST = 5.2kHz, VIN = 0.5VRMS
l
–41
–41
–38
–37
db
db
Gain at 2.00fCUTOFF
VS = 5V, fCLK = 200kHz
fTEST = 8.0kHz, VIN = 1VRMS
l
–66
–66
–61
–60
db
db
VS = 3V, fCLK = 200kHz
fTEST = 8.0kHz, VIN = 0.5VRMS
l
–66
–66
–60
–59
db
dB
Gain at 0.95fCUTOFF
VS = 5V, fCLK = 400kHz, fTEST = 7.6kHz, VIN = 1VRMS
VS = 3V, fCLK = 400kHz, fTEST = 7.6kHz, VIN = 0.5VRMS
–0.5
–0.5
0.15
0
0.5
0.5
db
db
Output DC Offset (Note 1)
VS = 5V, fCLK = 100kHz
VS = 3V, fCLK = 100kHz
50
30
175
135
mV
mV
Output DC Offset Tempco
VS = 5V, VS = 3V
30
µV/°C
Output Voltage Swing (Note 2)
VS = 5V, fCLK = 100kHz
l
3.4
3.2
4.2
4.2
VP-P
VP-P
VS = 3V, fCLK = 100kHz
l
1.6
1.6
2.0
2.0
VP-P
VP-P
Power Supply Current
VS = 5V, fCLK = 100kHz
l
1.2
1.60
1.65
mA
mA
VS = 3V, fCLK = 100kHz
l
1
1.40
1.55
mA
mA
Maximum Clock Frequency
VS = 5V
VS = 3V
1
0.7
MHz
MHz
Input Frequency Range
0
<(fCLK – 2fC)
Input Resistance
35
50
80
kΩ
Operating Supply Voltage (Note 3)
3
10
V
Note 3: The input voltage can swing to either rail (V+ or ground); the
output typically swings 50mV from ground and 0.8V from V+.
Note 4: The LTC1069-6 is optimized for 3V and 5V operation. Although
the device can operate with a single 10V supply or ±5V, the total harmonic
distortion will be degraded. For single 10V or ±5V supply operation we
recommend to use the LTC1069-1.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com