Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-1 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC1069-1
Description  Single Supply, Very Low Power, Elliptic Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-1 Datasheet(HTML) 4 Page - Analog Devices

  LTC1069-1 Datasheet HTML 1Page - Analog Devices LTC1069-1 Datasheet HTML 2Page - Analog Devices LTC1069-1 Datasheet HTML 3Page - Analog Devices LTC1069-1 Datasheet HTML 4Page - Analog Devices LTC1069-1 Datasheet HTML 5Page - Analog Devices LTC1069-1 Datasheet HTML 6Page - Analog Devices LTC1069-1 Datasheet HTML 7Page - Analog Devices LTC1069-1 Datasheet HTML 8Page - Analog Devices LTC1069-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LTC1069-6
4
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Passband Gain vs Clock Frequency
Passband Gain vs Clock Frequency
Amplitude Response
vs Supply Voltage
Phase vs Frequency
Group Delay vs Frequency
Transient Response
Passband Gain vs Frequency
Transition Band Gain
vs Frequency
Stopband Gain vs Frequency
FREQUENCY (kHz)
1
1
2
9
1069-6 G01
0
–1
–2
3
5
7
11
VS = SINGLE 3V
fCLK = 500kHz
fCUTOFF = 10kHz
VIN = 0.5VRMS
FREQUENCY (kHz)
10
–30
–10
10
18
1069-6 G02
–50
–70
–40
–20
0
–60
–80
–90
12
14
16
20
VS = SINGLE 3V
fCLK = 500kHz
fCUTOFF = 10kHz
VIN = 0.5VRMS
FREQUENCY (kHz)
20
–80
–78
–74
–72
–70
–60
–66
40
60
1069-6 G03
–76
–64
–62
–68
80
100
VS = SINGLE 3V
fCLK = 500kHz
fCUTOFF = 10kHz
VIN = 0.5VRMS
FREQUENCY (kHz)
1
1
2
17 19
1069-6 G04
0
–1
–2
5
9
13 15
3
7
11
21
VS = SINGLE 3V
VIN = 0.5VRMS
fCLK = 500kHz
fCUTOFF = 10kHz
fCLK = 750kHz
fCUTOFF = 15kHz
FREQUENCY (kHz)
1
1
2
17 19
1069-6 G05
0
–1
–2
5
9
13 15
3
7
11
21
VS = SINGLE 5V
VIN = 1VRMS
fCLK
500kHz
fCUTOFF
10kHz
fCLK
750kHz
fCUTOFF
15kHz
fCLK
1MHz
fCUTOFF
20kHz
FREQUENCY (kHz)
1
–90
–70
–50
–30
–10
10
100
1069-6 G06
10
–80
–60
–40
–20
0
fCLK = 500kHz
VIN = 0.5VRMS
SINGLE 5V
SINGLE 3V
FREQUENCY (kHz)
0
–630
–90
0
90
4
8
10
1069-6 G07
–810
–270
–450
–720
–180
–900
–360
–540
2
6
12
14
VS = SINGLE 5V
fCLK = 500kHz
fCUTOFF = 10kHz
FREQUENCY (kHz)
0
6
10
1069-6 G08
2
4
8
4.00E-04
3.50E-04
3.00E-04
2.50E-04
2.00E-04
1.50E-04
1.00E-04
5.00E-05
0.00E+00
12
VS = SINGLE 5V
fCLK = 500kHz
fCUTOFF = 10kHz
VS = SINGLE 5V
fCLK = 1MHz
fIN = 1kHz
2Vp-p SQUARE WAVE
0.1ms/DIV
1069-6 G09



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com