Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-1 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC1069-1
Description  Single Supply, Very Low Power, Elliptic Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-1 Datasheet(HTML) 2 Page - Analog Devices

  LTC1069-1 Datasheet HTML 1Page - Analog Devices LTC1069-1 Datasheet HTML 2Page - Analog Devices LTC1069-1 Datasheet HTML 3Page - Analog Devices LTC1069-1 Datasheet HTML 4Page - Analog Devices LTC1069-1 Datasheet HTML 5Page - Analog Devices LTC1069-1 Datasheet HTML 6Page - Analog Devices LTC1069-1 Datasheet HTML 7Page - Analog Devices LTC1069-1 Datasheet HTML 8Page - Analog Devices LTC1069-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LTC1069-6
2
Rev. B
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–) ................................12V
Operating Temperature Range
LTC1069-6C ............................................. 0°C to 70°C
LTC1069-6I ..........................................–40°C to 85°C
Storage Temperature..............................–65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
1
2
3
4
8
7
6
5
TOP VIEW
VOUT
V–
NC
CLK
AGND
V+
NC
VIN
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 125°C, θJA = 130°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1069-6CS8#PBF
LTC1069-6CS8#TRPBF
10696
8-Lead Plastic SO
0°C to 70°C
LTC1069-6IS8#PBF
LTC1069-6IS8#TRPBF
10696I
8-Lead Plastic SO
–40°C to 85°C
Contact the factory for parts specified with wider operating temperature ranges.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
ELECTRICAL CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Passband Gain (fIN ≤ 0.2fCUTOFF)
VS = 5V, fCLK = 200kHz
fTEST = 0.25kHz, VIN = 1VRMS
l
–0.25
–0.30
0.1
0.1
0.45
0.50
db
db
VS = 3V, fCLK = 200kHz
fTEST = 0.25kHz, VIN = 0.5VRMS
l
–0.25
–0.30
0.1
0.1
0.45
0.50
db
db
Gain at 0.50fCUTOFF
VS = 5V, fCLK = 200kHz
fTEST = 2.0kHz, VIN = 1VRMS
l
–0.10
–0.15
0.07
0.07
0.25
0.30
db
db
VS = 3V, fCLK = 200kHz
fTEST = 2.0kHz, VIN = 0.5VRMS
l
–0.15
–0.20
0.07
0.07
0.25
0.30
db
db
Gain at 0.75fCUTOFF
VS = 5V, fCLK = 200kHz
fTEST = 3.0kHz, VIN = 1VRMS
l
–0.25
–0.30
0
0
0.25
0.30
db
db
VS = 3V, fCLK = 200kHz
fTEST = 3.0kHz, VIN = 0.5VRMS
l
–0.25
–0.30
0
0
0.25
0.30
db
db
Gain at 0.90fCUTOFF
VS = 5V, fCLK = 200kHz
fTEST = 3.6kHz, VIN = 1VRMS
l
–0.25
–0.25
0.1
0.1
0.45
0.45
db
db
VS = 3V, fCLK = 200kHz
fTEST = 3.6kHz, VIN = 0.5VRMS
l
–0.25
–0.30
0.1
0.1
0.45
0.50
db
db
Gain at 0.95fCUTOFF
VS = 5V, fCLK = 200kHz
fTEST = 3.8kHz, VIN = 1VRMS
l
–0.45
–0.55
0.05
0.05
0.25
0.25
db
db
VS = 3V, fCLK = 200kHz
fTEST = 3.8kHz, VIN = 0.5VRMS
l
–0.45
–0.55
0.05
0.05
0.25
0.35
db
db
The l denotes the specifications which apply over the full operating
temperature range. fCUTOFF is the filter’s cutoff frequency and is equal to fCLK/50. The fCLK signal level is TTL or CMOS (clock rise or
fall time ≤1µs) RL = 10k, VS = 5V, TA = 25°C, unless otherwise specified. All AC gains are measured relative to the passband gain.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com