Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCWN06W8 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # SCWN06W8
Description  6W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCWN06W8 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SCWN06W8 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCWN06W8 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCWN06W8 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SCWN06W8 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. SCWN06W8 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. SCWN06W8 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPECIFICATION
WITHSTAND VOLTAGE
SAFETY STANDARDS
SAFETY & EMC (Note.5)
ISOLATION RESISTANCE
ISOLATION CAPACITANCE (Typ.)
Conducted
BS EN/EN55032
Radiated
ESD
BS EN/EN61000-4-2
BS EN/EN61000-4-3
BS EN/EN61000-4-4
BS EN/EN61000-4-5
BS EN/EN61000-4-6
Radiated Susceptibility
EFT/Bursts
Surge
Conducted
2500Khrs MIL-HDBK-217F(25℃)
31.8*20.3*10.2mm (1.25*0.8*0.4 inch)
BS EN/EN55032
EMC EMISSION
VOLTAGE RANGE
SURGE VOLTAGE (100ms max.)
INPUT
FILTER
PROTECTION (Typ.)
VOLTAGE ACCURACY
OUTPUT
RATED POWER
SHORT CIRCUIT
PROTECTION
OVERLOAD
OVER VOLTAGE
UNDER VOLTAGE LOCKOUT (Typ.)
WORKING TEMP.
CASE TEMPERATURE
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
COOLING
ENVIRONMENT
TEMP. COEFFICIENT
SOLDERING TEMPERATURE
VIBRATION
100Vdc
9~75Vdc
Pi type
±2% for 3.3Vo, ±1.5% for others
6W
100mVp-p
±5% @ 25%~100% Load only for dual output
±0.5%
-40 ~ +95℃ (Refer to "Derating Curve")
+115℃ max.
20% ~ 90% RH non-condensing
Free-air convection
-40 ~ +100℃, 10 ~ 95% RH non-condensing
±0.05% / ℃ max. (0 ~ 85℃)
1.5mm from case of 1 ~ 3sec./260℃ max.
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
I/P-O/P:3KVdc
EAC TP TC 020/2011 approved
I/P-O/P:1000M Ohms / 500Vdc / 25℃/ 70% RH
1000pF
2A Fast-Acting Type
300KHz
Protection type : Continuous, automatic recovery
110 ~ 230% rated output power
Single output models:±0.5% ; Dual output models:±1.0%
Start-up voltage
Shutdown voltage
8Vdc
8.8Vdc
Parameter
Standard
Parameter
Standard
Test Level / Note
Test Level / Note
MTBF (Typ.)
OTHERS
DIMENSION (L*W*H)
EMC IMMUNITY
CASE MATERIAL
Non-Conductive black plastic (UL 94V-0 rated)
PACKING
NOTE
12.5g ; 0
600
60
1 pcs/per tube,
pcs/
tube/per carton
℃
μμ



http://www.meanwell.com)
 https://www.meanwell.com/serviceDisclaimer.aspx
※
:
RIPPLE & NOISE
Note.2
CROSS DEGUIATION
SWITCHING FREQUENCY (Typ.)
LINE REGULATION Note.3
LOAD REGULATION Note.4
Protection type : Hiccup mode, recovers automatically after fault condition is removed
Protection type : Clamp by zener diode
Class A without additional components
Class B with additional components
Class B without additional components
Level 2, 3V/m
Level 2,
8KV air,
4KV contact
±
±
Level 2, 3V(e.m.f.)
Level 2, 1KV Line-Line
Level 2, 0.5KV
6W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
SCWN06W8 & DCWN06W8 series
File Name:SCWN06W8,DCWN06W8-SPEC 2025-07-17



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com