Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCWN06W8 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # SCWN06W8
Description  6W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCWN06W8 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  SCWN06W8 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCWN06W8 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCWN06W8 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SCWN06W8 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. SCWN06W8 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. SCWN06W8 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
File Name:SCWN06W8,DCWN06W8-SPEC 2025-07-17
6W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
SCWN06W8 & DCWN06W8 series
EMC Suggestion Circuit
※ Required external components to meet BS EN/EN55032 radiated Class B are as below:
SCWN06W8
DCWN06W8
+Vin
+Vin
-Vi n
-Vi n
+Vout
+Vout
COM
-Vout
-Vout
+Vin
+Vin
-Vi n
-Vi n
+Vout
+Vout
COM
-Vout
-Vout
L1
L1
C1
C1
BS EN/EN55032
conduction Class B
Model No.
SCWN06W8
DCWN06W8
C1
2.2 F/100V
μ
12μ
H
L1
Derating Curve
Ta (℃)
-40
-20
0
Natural convection
20
40
50
80
100
40
20
60
85
80
95
100
Others
For 3.3Vo/5Vo/±5Vo



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com