Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCWN06W8 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SCWN06W8
Description  6W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCWN06W8 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SCWN06W8 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCWN06W8 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCWN06W8 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SCWN06W8 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. SCWN06W8 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. SCWN06W8 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
SCWN06W8-03
SCWN06W8-05
SCWN06W8-12
SCWN06W8-15
DCWN06W8-05
DCWN06W8-12
DCWN06W8-15
Nominal
12V, 24V,36V,48V,72V
(9 ~ 75V)
3.3V
5V
12V
15V
±5V
±12V
±15V
110mA
132mA
147mA
145mA
130mA
147mA
147mA
5mA
5mA
5mA
6mA
7mA
9mA
10mA
1200mA
1000mA
500mA
400mA
±500mA
±250mA
±200mA
75%
79%
85%
86%
80%
85%
85%
1800μF
1200μF
1000μF
470μF
*600μF
*250μF
*200μF
EFFICIENCY
(TYP.)
* For each output
6W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
SCWN06W8 & DCWN06W8 series
File Name:SCWN06W8,DCWN06W8-SPEC 2025-07-17



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com