Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6375 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6375
Description  0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6375 Datasheet(HTML) 2 Page - STMicroelectronics

  L6375 Datasheet HTML 1Page - STMicroelectronics L6375 Datasheet HTML 2Page - STMicroelectronics L6375 Datasheet HTML 3Page - STMicroelectronics L6375 Datasheet HTML 4Page - STMicroelectronics L6375 Datasheet HTML 5Page - STMicroelectronics L6375 Datasheet HTML 6Page - STMicroelectronics L6375 Datasheet HTML 7Page - STMicroelectronics L6375 Datasheet HTML 8Page - STMicroelectronics L6375 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
L6375
2/12
PIN FUNCTION (Pin numbering referred to Minidip package)
PIN CONNECTION (Top view)
N
°
Pin
Description
1
GND
Ground
2
OUT
High side output. Controlled output with current limitation
3
Vs
Supply voltage input. Range with under voltage monitoring
4
OUTPUT STATUS
Led driver to signal the status of the output pin. The pin is active ( sources current )
when the output is considered high. (See fig. 1)
5
DIAG1
Diagnostic 1 output. This open drain reports the IC working conditions. (See
Diagnostic truth table)
6
DIAG2
Diagnostic 2 output. This open drain reports the IC working conditions. (See
Diagnostic truth table)
7
IN+
Comparator non inverting input
8
ON DELAY
Delay setting for overcurrent diagnostic
N.C.
GND
N.C.
OUTPUT
N.C.
N.C.
VS
N.C.
N.C.
N.C.
N.C.
DIAG2
N.C.
DIAG1
INPUT+
N.C.
ON DELAY
N.C.
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
OUTPUT STATUS
N.C.
GND
OUTPUT
VS
OUTPUT STATUS
1
3
2
4
DIAG2
DIAG1
INPUT +
ON DELAY
8
7
6
5
MINIDIP
SO20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com