Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6375 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6375
Description  0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6375 Datasheet(HTML) 1 Page - STMicroelectronics

  L6375 Datasheet HTML 1Page - STMicroelectronics L6375 Datasheet HTML 2Page - STMicroelectronics L6375 Datasheet HTML 3Page - STMicroelectronics L6375 Datasheet HTML 4Page - STMicroelectronics L6375 Datasheet HTML 5Page - STMicroelectronics L6375 Datasheet HTML 6Page - STMicroelectronics L6375 Datasheet HTML 7Page - STMicroelectronics L6375 Datasheet HTML 8Page - STMicroelectronics L6375 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
L6375
February 2000
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change with out notice.
s
0.5A OUTPUT CURRENT
s
8V TO 35V SUPPLY VOLTAGE RANGE
s
NON DISSIPATIVE SHORT CIRCUIT
PROTECTION
s
THERMAL SHUTDOWN
s
OPEN GROUND PROTECTION
s
NEGATIVE VOLTAGE CLAMPING FOR FAST
DEMAGNETIZATION
s
UNDERVOLTAGE LOCKOUT WITH
HYSTERESIS
s
OPEN LOAD DETECTION
s
TWO DIAGNOSTIC OUTPUTS
s
OUTPUT STATUS LED DRIVER
s
IMMUNITY AGAINST BURST TRANSIENT
(IEC 801-4), see application schematic.
s
ESD PROTECTION (HUMAN BODY MODEL
±2KV)
DESCRIPTION
The L6375 is a monolithic fully protected, full diag-
nostic 0.5A Intelligent Power Switch. it is designed to
drive any kind of R-L-C load with controlled output
voltage slew rate and non dissipative short circuit
protection. An internal Clamping Diode enables the
fast demagnetization of inductive loads. Diagnostic
for CPU feedback and extensive use of electrical pro-
tections make this device extremely rugged and spe-
cially suitable for industrial automation applications.
SO20
MINIDIP
ORDERING NUMBERS:
L6375D
L6375
PRELIMINARY DATA
0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
BLOCK DIAGRAM
UNDER
VOLTAGE
CHARGE
PUMP
DRIVER
NON DISSIPATIVE
SHORT CIRCUIT
CURRENT
LIMITATION
OPEN LOAD
DETECTION
OUTSTATUS
DIAGNOSTIC
THERMAL
PROTECTION
OSC
+
-
1.4V
INPUT
IN+
IN-
Con
OUTPUT STATUS
3mA
DIAG2
DIAG1
OUT
VS
D95IN208B
MULTIPOWER BCD TECHNOLOGY


Similar Part No. - L6375

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6375D STMICROELECTRONICS-L6375D Datasheet
330Kb / 16P
0.5A high-side driver industrial intelligent power switch
24-Jul-2007
L6375DTR STMICROELECTRONICS-L6375DTR Datasheet
330Kb / 16P
0.5A high-side driver industrial intelligent power switch
24-Jul-2007
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
0.5A high-side driver industrial intelligent power switch
15-Oct-2007
L6375STR STMICROELECTRONICS-L6375STR Datasheet
465Kb / 17P
0.5A high-side driver industrial intelligent power switch
15-Oct-2007
More results

Similar Description - L6375

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6376 STMICROELECTRONICS-L6376 Datasheet
123Kb / 12P
0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
Nov-1996
L6377 STMICROELECTRONICS-L6377 Datasheet
91Kb / 11P
0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
Feb-1996
TDE1798 STMICROELECTRONICS-TDE1798 Datasheet
174Kb / 14P
0.5A INTELLIGENT POWER SWITCH
Nov-1991
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
TDE1897R STMICROELECTRONICS-TDE1897R Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
L6375D STMICROELECTRONICS-L6375D Datasheet
330Kb / 16P
0.5A high-side driver industrial intelligent power switch
24-Jul-2007
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
0.5A high-side driver industrial intelligent power switch
15-Oct-2007
TDE1798 STMICROELECTRONICS-TDE1798_03 Datasheet
1Mb / 14P
0.5A INTELLIGENT POWER SWITCH
Sep-2003
TDE1897C STMICROELECTRONICS-TDE1897C_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com