Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6375 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6375
Description  0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6375 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6375 Datasheet HTML 2Page - STMicroelectronics L6375 Datasheet HTML 3Page - STMicroelectronics L6375 Datasheet HTML 4Page - STMicroelectronics L6375 Datasheet HTML 5Page - STMicroelectronics L6375 Datasheet HTML 6Page - STMicroelectronics L6375 Datasheet HTML 7Page - STMicroelectronics L6375 Datasheet HTML 8Page - STMicroelectronics L6375 Datasheet HTML 9Page - STMicroelectronics L6375 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
L6375
6/12
Figure 1. Switching Waveforms
INPUT SECTION
An Single ended Input TTL/CMOS compatible with wide voltage range and high noise immunity (thanks to a
built in hysteresis) is available.
OVER TEMPERATURE PROTECTION (OVT)
An on-chip Over Temperature Protection provides an excellent protection of the device in extreme conditions.
Whenever the temperature - measured on a central portion of the chip- exceeds Tmax=150 C (typical value)
the device is shut off, and the DIAG2 output goes LOW. Normal operation is resumed as the chip temperature
(normally after few seconds) falls below Tmax-Thys= 130 C (typical value). The hysteresis avoid thats an inter-
mittent behaviour take place.
UNDER VOLTAGE PROTECTION (UV)
The supply voltage is expected to range from 8 to 35 V. In this range the device operates correctly. To avoid
any misfunctioning the supply voltage is continuously monitored to provide an under voltage protection. As Vs
falls below Vsth-Vshys (typically 7.5 V, see fig.1) the output power MOS is switched off and DIAG1 and DIAG2
(see Diagnostic truth table). Normal operation is resumed as soon as Vs exceeds Vsth. The hysteretic behaviour
prevents intermittent operation at low supply voltage.
OVER CURRENT OPERATION
In order to implement a short circuit protection the output power MOS is driven in linear mode to limit the output
current to the Isc (1.1A typical value). This condition (current limited to the Isc value) lasts for a Ton time interval,
that can be set by means of a capacitor (Cdon) connected to the ON DELAY pin according to the following for-
mula:
Ton = 1.28 msec/pF
for
50pF<Cdon< 2nF
After the Ton interval has expired the output power MOS is switched off for the Toff time interval with:
Toff = 64 ·Ton.
When also the Toff interval has expired, the out-put power MOS is switched ON. At this point in time two con-
50%
50%
td
td
t
90%
90%
10%
10%
tf
tr
t
Vin
Vout
D94IN127A
50%
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com