Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6376 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6376
Description  0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6376 Datasheet(HTML) 2 Page - STMicroelectronics

  L6376 Datasheet HTML 1Page - STMicroelectronics L6376 Datasheet HTML 2Page - STMicroelectronics L6376 Datasheet HTML 3Page - STMicroelectronics L6376 Datasheet HTML 4Page - STMicroelectronics L6376 Datasheet HTML 5Page - STMicroelectronics L6376 Datasheet HTML 6Page - STMicroelectronics L6376 Datasheet HTML 7Page - STMicroelectronics L6376 Datasheet HTML 8Page - STMicroelectronics L6376 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS (Pin numering referred to PowerSO20 package)
Symbol
Pin
Parameter
Value
Unit
Vs
6
Supply Voltage (tw < 10ms)
50
V
Supply Voltage (DC)
40
V
Vs -Vout
Difference between supply voltage and output voltage
internally limited
Vid
16, 17
Externally Forced Voltage
-0.3 to 7
V
Iid
Externally Forced Current
±1mA
Ii
12, 13,
14, 15,
18
Channel Input Current (forced)
±2mA
Vi
Channel Input Voltage
-0.3 to 40
V
Iout
2, 3,
8, 9
Output Current (see also Isc)
internally limited
Vout
Output Voltage
internally limited
Eil
Energy Inductive Load (Tj =125°C); Each Channel
200
mJ
Ptot
Power Dissipation
internally limited
Vdiag
19
External voltage
-0.3 to Vs+0.7
V
Idiag
Externally forced current
-10 to 10
mA
Top
Ambient temperature, operating range
-25 to 85
°C
Tj
Junction temperature, operating range (see
Overtemperature Protection)
-25 to 125
°C
Tstg
Storage temperature
-55 to 150
°C
PIN CONNECTIONS (Top view)
VS
VCP
O2
O1
GND
I1
GND
I2
I3
1
3
2
4
5
6
7
8
9
OFF DELAY
R
DIAG
GND
GND
O4
O3
VP
VC
20
19
18
17
16
14
15
13
12
D93IN030B
I4
10
ON DELAY
11
POWERDIP
GND
O1
I1
O3
VP
VS
VC
VCP
O2
O4
GND
10
8
9
7
6
5
4
3
2
13
14
15
16
17
19
18
20
12
1
11
GND
D95IN217
I2
I3
ON DELAY
I4
OFF DELAY
R
DIAG
GND
PowerSO20
L6376
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com